Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC366 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC366
Description  HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC366 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC366 Datasheet HTML 1Page - STMicroelectronics M74HC366 Datasheet HTML 2Page - STMicroelectronics M74HC366 Datasheet HTML 3Page - STMicroelectronics M74HC366 Datasheet HTML 4Page - STMicroelectronics M74HC366 Datasheet HTML 5Page - STMicroelectronics M74HC366 Datasheet HTML 6Page - STMicroelectronics M74HC366 Datasheet HTML 7Page - STMicroelectronics M74HC366 Datasheet HTML 8Page - STMicroelectronics M74HC366 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M54HC365
2/11
Figure 1: IEC Logic Symbols
Figure 2: Input And Output Equivalent Circuit
Table 1: Pin Description
Table 2: Truth Table
X : Don’t Care
Z : High Impedance
PIN N°
SYMBOL
NAME AND FUNCTION
1, 15
G1,G2
Output Enable Inputs
2, 4, 6, 10,
12, 14
1A to 6A
Data Inputs
3, 5, 7, 9, 11,
13
1Y to 6Y
Data Outputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUTS
G1
G2
An
Y
LLLL
LL
H
H
HX
X
Z
XHX
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com