Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NF22E-13 Datasheet(PDF) 2 Page - ABB

Part # NF22E-13
Description  NF22E-13 100-250V50/60HZ-DC Contactor Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

NF22E-13 Datasheet(HTML) 2 Page - ABB

  NF22E-13 Datasheet HTML 1Page - ABB NF22E-13 Datasheet HTML 2Page - ABB NF22E-13 Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rated Insulation Voltage (Ui):
Rated Impulse Withstand Voltage
(Uimp):
Maximum Mechanical Switching
Frequency:
Rated Control Circuit Voltage (Uc):
Operate Time:
Connecting Capacity Auxiliary
Circuit:
Connecting Capacity Control Circuit:
Wire Stripping Length:
Degree of Protection:
Terminal Type:
Climatic Withstand:
Maximum Operating Altitude
Permissible:
Resistance to Vibrations acc. to IEC
60068-2-6:
Resistance to Shock acc. to IEC
60068-2-27:
RoHS Status:
Ambient Air Temperature:
Tightening Torque UL/CSA:
Instructions and Manuals:
ABS Certificate:
CB Certificate:
CCC Certificate:
Data Sheet, Technical Information:
Declaration of Conformity - CE:
DNV Certificate:
EAC Certificate:
GL Certificate:
GOST Certificate:
LR Certificate:
RINA Certificate:
RMRS Certificate:
RoHS Information:
UL Certificate:
E-nummer:
(400 V) 0.15 A / 60 W
(48 V) 2.8 A / 134 W
(500 V) 0.13 A / 65 W
(600 V) 0.1 A / 60 W
(72 V) 1 A / 72 W
acc. to UL/CSA 600 V
acc. to IEC 60947-5-1 and VDE 0110 (Gr. C) 690 V
6 kV
6000 cycles per hour
50 Hz 100 ... 250 V
60 Hz 100 ... 250 V
DC Operation 100 ... 250 V
Between Coil De-energization and NC Contact Closing 13...98 ms
Between Coil De-energization and NO Contact Opening 11...95 ms
Between Coil Energization and NC Contact Opening 38...90 ms
Between Coil Energization and NO Contact Closing 40...95 ms
Flexible with Ferrule 1/2x 0.75 ... 2.5 mm²
Flexible with Insulated Ferrule 1x 0.75 ... 2.5 mm²
Flexible with Insulated Ferrule 2x 0.75 ... 1.5 mm²
Rigid 1/2x 1...2.5 mm²
Flexible with Ferrule 1/2x 0.75 ... 2.5 mm²
Flexible with Insulated Ferrule 1x 0.75 ... 2.5 mm²
Flexible with Insulated Ferrule 2x 0.75 ... 1.5 mm²
Rigid 1/2x 1 ... 2.5 mm²
Auxiliary Circuit 10 mm
Control Circuit 10 mm
acc. to IEC 60529, IEC 60947-1, EN 60529 Auxiliary Terminals IP20
acc. to IEC 60529, IEC 60947-1, EN 60529 Coil Terminals IP20
Screw Terminals
Environmental
Category B according to IEC 60947-1 Annex Q
3000 m
5 ... 300 Hz 4 g closed position / 2 g open position
Closed, Shock Direction: B1 25 g
Open, Shock Direction: B1 5 g
Shock Direction: A 30 g
Shock Direction: B2 15 g
Shock Direction: C1 25 g
Shock Direction: C2 25 g
Planned to follow EU Directive 2002/95/EC August 18, 2005 and amendment after 2008 Q1
Close to Contactor for Storage -60...+80 °C
Near Contactor for Operation in Free Air -40 ... +70 °C
Technical UL/CSA
Auxiliary Circuit 11 in·lb
Control Circuit 11 in·lb
Certificates and Declarations (Document Number)
1SBC101027M6801
ABS_15-GE1349500-PDA_90682247
CB_SE_70920A1M2
CCC_2011010303465426
1SBC101427D0201
1SBD250005U1000
DNV_E11683
EAC_RU C-FR ME77 B01006
GL_3786612HH
GOST_POCCFR.ME77.B06804.pdf
LRS_C1400038
RINA_ELE084013XG
RMRS_1300132124
1SBD251014E1000
UL_20091127-E252354-2-1
Classifications
3211448



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com