Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NF22E-13 Datasheet(PDF) 1 Page - ABB

Part # NF22E-13
Description  NF22E-13 100-250V50/60HZ-DC Contactor Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

NF22E-13 Datasheet(HTML) 1 Page - ABB

  NF22E-13 Datasheet HTML 1Page - ABB NF22E-13 Datasheet HTML 2Page - ABB NF22E-13 Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
Minimum Order Quantity:
Customs Tariff Number:
EAN:
Product Net Depth:
Product Net Height:
Product Net Weight:
Product Net Width:
Package Level 1 Width:
Package Level 1 Length:
Package Level 1 Height:
Package Level 1 Gross Weight:
Package Level 1 EAN:
Package Level 2 Units:
Package Level 2 Width:
Package Level 2 Length:
Package Level 2 Height:
Package Level 3 Units:
Package Level 1 Units:
Number of Auxiliary Contacts NO:
Number of Auxiliary Contacts NC:
Standards:
Rated Operational Voltage:
Rated Frequency (f):
Conventional Free-air Thermal
Current (Ith):
Rated Operational Current AC-15
(Ie):
Rated Short-time Withstand Current
(Icw):
Maximum Electrical Switching
Frequency:
Rated Operational Current DC-13
(Ie):
General Information
NF22E-13
1SBH137001R1322
3471523100138
NF22E-13 100-250V50/60HZ-DC Contactor Relay
NF contactor relays are used for switching auxiliary and control circuits. NF contactor relays
include an electronic coil interface accepting a wide control voltage Uc min. ... Uc max. Only
four coils cover control voltages between 24...500 V 50/60 Hz or 20...500 V DC. NF
contactor relays can manage large control voltage variations. One coil can be used for
different control voltages used worldwide without any coil change. NF contactor relays have
built-in surge protection and do not require additional surge suppressors. - Poles: 4-pole
contactor relays (mechanically-linked auxiliary contacts compliant with Annex L of IEC
60947-5-1 and including the "Mechanically Linked" symbol on the contactor relay side) -
Control Circuit: AC or DC operated - Accessories: a wide range of Accessories is available.
Categories
Products
» Low Voltage Products and Systems » Control Products » Contactors » Block Contactors
Ordering
1 piece
85369085
3471523100138
Dimensions
77 mm
86 mm
0.270 kg
45 mm
Container Information
87 mm
79 mm
47 mm
0.27 kg
3471523100138
54 piece
250 mm
300 mm
315 mm
1296 piece
1 piece
Technical
2
2
IEC 60947-5-1 and EN 60947-5-1, UL 508, CSA C22.2 N°14
Auxiliary Circuit 690 V
Main Circuit 690 V
Auxiliary Circuit 50 / 60 Hz
acc. to IEC 60947-5-1, q = 40 °C 16 A
(220 / 240 V) 4 A
(24 / 127 V) 6 A
(400 / 440 V) 3 A
(500 V) 2 A
(690 V) 2 A
for 0.1 s 140 A
for 1 s 100 A
AC-15 1200 cycles per hour
DC-13 900 cycles per hour
(110 V) 0.55 A / 60 W
(125 V) 0.55 A / 69 W
(220 V) 0.27 A / 60 W
(24 V) 6 A / 144 W
(250 V) 0.27 A / 68 W
NF22E-13


Similar Part No. - NF22E-13

ManufacturerPart #DatasheetDescription
logo
ABB
NF22E-11 ABB-NF22E-11 Datasheet
53Kb / 3P
NF22E-11 24-60V50/60HZ 20-60VDC Contactor Relay
More results

Similar Description - NF22E-13

ManufacturerPart #DatasheetDescription
logo
Zhejiang DongYa Electro...
ZLJM-100A DONGYA-ZLJM-100A Datasheet
179Kb / 1P
DC Contactor
ZLJM-300D DONGYA-ZLJM-300D Datasheet
241Kb / 1P
DC Contactor
logo
ABB
AF65-30-11-14 ABB-AF65-30-11-14 Datasheet
101Kb / 4P
AF65-30-11-14 250-500V50/60HZ-DC Contactor
2022
logo
Littelfuse
DCNHR LITTELFUSE-DCNHR Datasheet
259Kb / 5P
900V DC MAX CONTACTOR RELAY
2022 Littelfuse, Inc. 081722-A
DCNLB LITTELFUSE-DCNLB Datasheet
291Kb / 4P
60V DC MAX CONTACTOR RELAY
2022 Littelfuse, Inc 081122-A
DCNLM LITTELFUSE-DCNLM Datasheet
467Kb / 4P
60V DC MAX CONTACTOR RELAY
2022 081122-A
logo
ABB
AF09-30-10-13 ABB-AF09-30-10-13 Datasheet
84Kb / 3P
AF09-30-10-13 100-250V50/60HZ-DC Contactor
12/22/14 3:30 PM
AF96-30-00-13 ABB-AF96-30-00-13 Datasheet
131Kb / 6P
100-250V50/60HZ-DC Contactor
AF116-30-11-13 ABB-AF116-30-11-13 Datasheet
234Kb / 6P
AF116-30-11-13 Contactor
NFZ40E-23 ABB-NFZ40E-23 Datasheet
129Kb / 5P
NFZ40E-23 100-250V50/60HZ-DC Contactor Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com