Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-SOULE Datasheet(PDF) 20 Page - ABB

Part # EPP-SOULE
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-SOULE Datasheet(HTML) 20 Page - ABB

Back Button EPP-SOULE Datasheet HTML 16Page - ABB EPP-SOULE Datasheet HTML 17Page - ABB EPP-SOULE Datasheet HTML 18Page - ABB EPP-SOULE Datasheet HTML 19Page - ABB EPP-SOULE Datasheet HTML 20Page - ABB EPP-SOULE Datasheet HTML 21Page - ABB EPP-SOULE Datasheet HTML 22Page - ABB EPP-SOULE Datasheet HTML 23Page - ABB EPP-SOULE Datasheet HTML 24Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 75 page
background image
230 V
KNX
bus
Sensors
(issue commands)
Actuators
(command recipients)
20
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
Key modular components - ABB i-bus® KNX
Intelligent building solutions
In many areas of our private and working lives,
the increasing level of automation is a trend that
confronts us on a daily basis without actually
being noticed.
—
Automation in buildings aims to
combine individual room
functions with one another and
to simplify the implementation of
individual customer preferences.
KNX is the logical development for implementing
traditional and new requirements in electrical
building installations, replacing conventional
installation techniques.
The intelligent installation bus system efficiently
performs the conventional functions and offers
an additional broad range of expanded features,
which could not be realized without a bus system.
—
01 The conventional
solution: Many
separate cables,
separate functionality,
little flexibility
—
02 The intelligent
solution: KNX – a
system, a standard,
with many interoperable
functions for
maximum flexibility
ABB offers consultants, system integrators and
electrical installers a comprehensive product
range with ABB i-bus® KNX, in order to meet the
challenges posed to electrical building
installations both today and in the future.
Further information:
http://www.abb.com/knx
Intelligent Building Solutions with
ABB i-bus® KNX ensure:
• The right light in every situation by switching,
dimming and controlling lights
• Visual protection and protection against
sunlight by drive control of rolling shutters and
blinds
• The right room temperature in every room by
heating and cooling control
• The right air quality by controlling ventilation
and climatization
• Automatic functions controlled by timer,
movement, presence or meteorological data
• Security by monitoring operating conditions,
signaling technical faults, recognizing hazards
and triggering alarms
• Everything under control by visualization and
manual operation
—
01
—
02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com