Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-SOULE Datasheet(PDF) 68 Page - ABB

Part # EPP-SOULE
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-SOULE Datasheet(HTML) 68 Page - ABB

Back Button EPP-SOULE Datasheet HTML 64Page - ABB EPP-SOULE Datasheet HTML 65Page - ABB EPP-SOULE Datasheet HTML 66Page - ABB EPP-SOULE Datasheet HTML 67Page - ABB EPP-SOULE Datasheet HTML 68Page - ABB EPP-SOULE Datasheet HTML 69Page - ABB EPP-SOULE Datasheet HTML 70Page - ABB EPP-SOULE Datasheet HTML 71Page - ABB EPP-SOULE Datasheet HTML 72Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 75 page
background image
69
E SB I N S TA L L AT I O N CO N TAC TO R S - T EC H N I C A L FE AT U R E S
—
ESB installation contactors
Technical features
—
ESB installation contactors technical features
Main Pole - Utilization Characteristics according to IEC
Contactor types:
AC operated
ESB20/EN20
AC/DC operated
ESB24/EN24
ESB40/EN40
ESB63
Coil operating limits acc. to IEC 60947-
4-1
0.85 ... 1.1 x Uc (at θ m 55 °C)
Drop-out voltage in % of Uc
approx. 20 ... 75 %
approx. 20 ... 70 %
Frequency range
Hz
50/60
50/60 or DC
Coil consumption
Average pull-in
value
VA / W
8 / 5
4 / 4
5 / 5
65 / 65
Average holding
value
VA / W
3.2 / 1.2
4 / 4
5 / 5
4.2 / 4.2
Main Pole - Utilization Characteristics according to IEC
Contactor types:
AC operated
ESB20/EN20
AC/DC operated
ESB24/EN24
ESB40/EN40 ESB63
Connecting capacity (min. ... max.)
Main pole terminals
Rigid
1 x mm²
1.5 ... 10
1.5 ... 25
2 x mm²
1.5 ... 4
1.5 ... 10
Degree of protection
acc. to IEC 60947-1 / EN 60947-1 and IEC 60529 / EN 60529
Protection against direct contact in acc. with EN 50274
All terminals
IP20
EH04... Auxiliary Contact Block - Utilization Characteristics according to IEC
Contactor types:
AC operated
ESB20
AC/DC operated
ESB24
ESB40
ESB63
Rated operational voltage Ue max.
V
-
500
Conventional free air thermal current Ith
q < 40 °C
A
-
6
Rated frequency limits
Hz
-
50/60
Rated operational current Ie /
AC-15 acc. to IEC 60947-5-1
240 V
50/60 Hz
A
-
4
415 V
50/60 Hz
A
-
3
500 V
50/60 Hz
A
-
2
Making capacity
acc. to IEC 60947-5-1
-
11 x Ie AC-15
Breaking capacity
acc. to IEC 60947-5-1
-
11 x Ie AC-15
Short-circuit protection gI type fuse
A
-
10
Minimum switching capacity with failure rate acc. to IEC
60947-5-4
V/mA
-
17 / 5
Heat dissipation per pole at 6 A
W
-
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com