Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-R2036 Datasheet(PDF) 27 Page - ABB

Part # EPP-R2036
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-R2036 Datasheet(HTML) 27 Page - ABB

Back Button EPP-R2036 Datasheet HTML 23Page - ABB EPP-R2036 Datasheet HTML 24Page - ABB EPP-R2036 Datasheet HTML 25Page - ABB EPP-R2036 Datasheet HTML 26Page - ABB EPP-R2036 Datasheet HTML 27Page - ABB EPP-R2036 Datasheet HTML 28Page - ABB EPP-R2036 Datasheet HTML 29Page - ABB EPP-R2036 Datasheet HTML 30Page - ABB EPP-R2036 Datasheet HTML 31Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 75 page
background image
28
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
Protecta Plus
Order Codes
Pack contents: Top extension boxes
• Fixings
• DIN rail / mounting plate
• RAL7035 textured finish
Description
Order codes
Protecta Plus DB 4way 100A
HSMS4C
Protecta Plus DB 7way 100A
HSMS7C
Protecta Plus DB 11way 100A
HSMS11C
Protecta Plus DB 16way 100A
HSMS16C
Protecta Plus DB 20way 100A
HSMS20C
—
MCB Distribution board - Type A
Pack contents: Type A distribution
• Supplied factory fitted with 100A switch
disconnector
• RAL7035 textured finish
Type
No. of
modules
Dimensions (mm)
Height
(W x D)
Order codes
Hinged door with 1 DIN rail
16
200
450 x 130
EPP-R1016
Hinged door with 2 DIN rail
32
400
450 x 130
EPP-R2032
Plain extension box 200mm
200
450 x 130
EPP-EB20
Plain extension box 400mm
400
450 x 130
EPP-EB40
—
Extension boxes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com