Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-R2036 Datasheet(PDF) 51 Page - ABB

Part # EPP-R2036
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-R2036 Datasheet(HTML) 51 Page - ABB

Back Button EPP-R2036 Datasheet HTML 47Page - ABB EPP-R2036 Datasheet HTML 48Page - ABB EPP-R2036 Datasheet HTML 49Page - ABB EPP-R2036 Datasheet HTML 50Page - ABB EPP-R2036 Datasheet HTML 51Page - ABB EPP-R2036 Datasheet HTML 52Page - ABB EPP-R2036 Datasheet HTML 53Page - ABB EPP-R2036 Datasheet HTML 54Page - ABB EPP-R2036 Datasheet HTML 55Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 75 page
background image
52
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
Characteristic K IEC-EN60947-2
Multiples of rated current
Multiples of rated current
Tripping curve
from cold state
Multiples of rated current
Tripping curve
from cold state
Multiples of rated current
Tripping curve
from cold state
Tripping curve
from cold state
Multiples of rated current
—
Characteristic B IEC-EN60898
—
Characteristic C IEC-EN60898
—
Characteristic Z IEC-EN60947-2
—
Characteristic D IEC-EN60898
—
MCBs technical details
Definitions according to standards for miniature circuit breakers
Multiples of rated current
Multiples of rated current
Tripping curve
from cold state
Multiples of rated current
Tripping curve
from cold state
Multiples of rated current
Tripping curve
from cold state
Tripping curve
from cold state
Multiples of rated current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com