Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLPASC2 Datasheet(PDF) 2 Page - Sennheiser electronic SE & Co. KG

Part # SLPASC2
Description  SpeechLine Digital Wireless
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENNHEISER [Sennheiser electronic SE & Co. KG]
Direct Link  https://www.sennheiser.com/
Logo SENNHEISER - Sennheiser electronic SE & Co. KG

SLPASC2 Datasheet(HTML) 2 Page - Sennheiser electronic SE & Co. KG

  SLPASC2 Datasheet HTML 1Page - Sennheiser electronic SE & Co. KG SLPASC2 Datasheet HTML 2Page - Sennheiser electronic SE & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT SPECIFICATION
SpeechLine Digital Wireless
SL PASC 2 | Passive antenna splitter/combiner
2/2
Sennheiser electronic GmbH & Co. KG · Am Labor 1 · 30900 Wedemark · Germany · www.sennheiser.com
DIMENSIONS
50,53
40
150
CONNECTION
SL PASC 2
Cables:
Sennheiser CL **
SL RACK RECEIVER DW ANTENNA II
1
2
3
4
1
2
4
SL RACK RECEIVER DW ANTENNA II
SL RACK RECEIVER DW ANTENNA I
ANT II
ANT I
1
2
2
1
SL Rack Receiver DW
12 V 350 mA
AF Out
AF Out
Unbal
Bal
LAN
Ant I
Ant II
+ 18 dBu max
DC IN
12 V 350 mA
AF Out
AF Out
Unbal
Bal
LAN
Ant I
Ant II
+ 18 dBu max
DC IN
AWM 2
SL RACK RECEIVER DW ANTENNA II
SL RACK RECEIVER DW ANTENNA I
ANT II
ANT I
1
2
2
1
RF IN
ANT I
RF OUT
ANT I
RF OUT
ANT II
RF IN
ANT II



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com