Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLPASC2 Datasheet(PDF) 1 Page - Sennheiser electronic SE & Co. KG

Part # SLPASC2
Description  SpeechLine Digital Wireless
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENNHEISER [Sennheiser electronic SE & Co. KG]
Direct Link  https://www.sennheiser.com/
Logo SENNHEISER - Sennheiser electronic SE & Co. KG

SLPASC2 Datasheet(HTML) 1 Page - Sennheiser electronic SE & Co. KG

  SLPASC2 Datasheet HTML 1Page - Sennheiser electronic SE & Co. KG SLPASC2 Datasheet HTML 2Page - Sennheiser electronic SE & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT SPECIFICATION
SpeechLine Digital Wireless
SL PASC 2 | Passive antenna splitter/combiner
1/2
FEATURES
• 1880 - 1930 MHz (DECT range)
• 4 RF outputs for connecting up to 2 SL Rack Receiver
DW
• 2 RF inputs to connect AWM 2 or AWM 4
• SMA-R connectors
• Passive antenna splitter/combiner
The SL PASC 2 is a passive 2-way True Diversity anten-
na splitter/combiner for the SpeechLine Digital Wireless
microphone series. It is used to distribute the antenna
signals of up to 2 SpeechLine Digital Wireless links. This
reduces the number of required antenna cables to a mi-
nimum when the AWM 2 or AWM 4 remote antennas are
used. The rack receivers are connected to the SL PASC 2
using the supplied SMA-R cables.
DELIVERY INCLUDES
• SL PASC 2 passive antenna splitter/combiner
• 4x SMA-R cable (50 cm)
• Quick guide
• Safety guide
SPECIFICATIONS
Frequency range
1,880 - 1,930 MHz
Insertion loss
-4.5 dB typ.
Port to port isolation
22 dB min.
Input / Output return loss -13 dB max.
Connectors
AC coupled ports
Max. input power
1.5 W
Dimensions
150 x 50 x 21 mm
Weight
135 g
Operating temperature
-40 to 85 °C
Relative humidity
max. 95 % (non-condensing)
PRODUCT VARIANTS
SL PASC 2
2-way splitter
Art. No. 390040
SL PASC 4
4-way splitter
Art. No. 390041
ACCESSORIES
AWM 2
Wallmount antenna
Art. No. 505981
CL 5
Antenna cable 5 m
Art. No. 505976
CL 10
Antenna cable 10 m
Art. No. 506263
CL 20
Antenna cable 20 m
Art. No. 506264
AWM 4
Wallmount antenna
Art. No. 507358
CL 1 PP
Antenna cable 5 m
Art. No. 507425
CL 5 PP
Antenna cable 5 m
Art. No. 507426
CL 10 PP
Antenna cable 10 m
Art. No. 507427
CL 20 PP Antenna cable 20 m
Art. No. 507428


Similar Part No. - SLPASC2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLPA005 TI2-SLPA005 Datasheet
1Mb / 34P
Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
MAY 2011
logo
List of Unclassifed Man...
SLPA125-187-01 ETC2-SLPA125-187-01 Datasheet
184Kb / 1P
Material Rivet Nylon 6/6, Mandrel Polycarbonate
SLPA125-250-01 ETC2-SLPA125-250-01 Datasheet
184Kb / 1P
Material Rivet Nylon 6/6, Mandrel Polycarbonate
SLPA125-312-01 ETC2-SLPA125-312-01 Datasheet
184Kb / 1P
Material Rivet Nylon 6/6, Mandrel Polycarbonate
SLPA125-375-01 ETC2-SLPA125-375-01 Datasheet
184Kb / 1P
Material Rivet Nylon 6/6, Mandrel Polycarbonate
More results

Similar Description - SLPASC2

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
HNIO-241A RFM-HNIO-241A Datasheet
83Kb / 3P
2.4GHz Analog/ Digital I/O Wireless Modem
logo
Texas Instruments
CC8520 TI-CC8520 Datasheet
427Kb / 17P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
CC8520 TI-CC8520_1 Datasheet
593Kb / 19P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
CC8520 TI-CC8520_11 Datasheet
654Kb / 18P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING
logo
Advantech Co., Ltd.
ADAM-2051Z ADVANTECH-ADAM-2051Z Datasheet
1Mb / 1P
Wireless 8-ch Digital Input Node
logo
List of Unclassifed Man...
RWS-AUDIO24 ETC2-RWS-AUDIO24 Datasheet
275Kb / 4P
High Efficiency Digital Wireless Audio Receiver Module
TWS-AUDIO24 ETC2-TWS-AUDIO24 Datasheet
681Kb / 4P
High Efficiency Digital Wireless Audio Transmitter Module
logo
STMicroelectronics
STWBC STMICROELECTRONICS-STWBC Datasheet
1Mb / 36P
Digital controller for wireless battery charger
26-Feb-2015
logo
Contec Co., Ltd
DIO-0404LY-WQ-EU CONTEC-DIO-0404LY-WQ-EU Datasheet
729Kb / 4P
Isolated Digital I/O Terminal for Sub-GHz Wireless
logo
STMicroelectronics
STWBC2-HP STMICROELECTRONICS-STWBC2-HP Datasheet
5Mb / 96P
Digital controller for wireless battery charger transmitters
14-Sep-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com