Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMB536F Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DMB536F
Description  ADPT, GNDR CHGR MINI-DIN 6 F/F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DMB536F Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DMB536F Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BGATES
1.40
35.6
.45
11.5
"J1"
2X 6 CONTACT MINI DIN
RECEPTACLE
B
PIN 6
PIN 5
PIN 4
PIN 3
PIN 1
PIN 2
"J2"
B
PIN 6
PIN 5
PIN 3
PIN 4
PIN 2
PIN 1
NOTES:
1. NICKEL PLATED BRASS HOUSING PROVIDES
COMPLETE 360° SHIELDING.
2. CONTACT MATING SURFACES: GOLD PLATED.
3. COMPONENT SHALL BE TESTED FOR CONTINUITY.
4. COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
B
WIRING MAP
"J1"
MINI DIN 6
"J2"
MINI DIN 6
1
1
2
2
3
3
4
4
5
5
6
6
SHELL
SHELL
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DMB536F
B
DMB536F.SLDDRW
1
1
DFRISIELLO
06/25/2019
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
06/25/2019
09/30/2014
A
B
DRAWING REPLACES DMB536F-OD1
ECN 9926; REMOVED PIN MARKINGS FROM J1 & J2, REMOVED ROHS STATEMENT. 06/21/2019
D. DESJARDIN
BGATES
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADPT, GNDR CHGR MINI-DIN 6 F/F
I/O PRODUCTS
PROJECTION
UNLESS OTHERWISE SPECIFIED,
DZINN
COLOR VARIATIONS
MAY OCCUR
06/25/2019
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - DMB536F

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DMB530R L-COM-DMB530R Datasheet
50Kb / 1P
ADAPTOR, MINI-DIN-6F/DIN-5M
11/15/01
DMB538F L-COM-DMB538F Datasheet
46Kb / 1P
ADPT, GNDR CHGR MINI-DIN 8 F/F
1/2/02
logo
Diodes Incorporated
DMB53D0UDW DIODES-DMB53D0UDW Datasheet
137Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DS31675 Rev. 5 - 2
DMB53D0UDW-7 DIODES-DMB53D0UDW-7 Datasheet
137Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DS31675 Rev. 5 - 2
DMB53D0UV DIODES-DMB53D0UV Datasheet
140Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DS31651 Rev. 6 - 2
More results

Similar Description - DMB536F

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD879-5-15-MA9 WINCHESTER-SD879-5-15-MA9 Datasheet
41Kb / 1P
ADPT, F-F, BNC TO SMA
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD1209-20 WINCHESTER-SD1209-20 Datasheet
63Kb / 1P
ADPT, TNC-N, F-M
SD2029-15-9 WINCHESTER-SD2029-15-9 Datasheet
48Kb / 1P
ADPT, F-F, 75 BNC-75 BNC
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KA-91-18 WINCHESTER-KA-91-18 Datasheet
43Kb / 1P
ADPT, M-F, TNC-BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com