Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9237 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC9237
Description  Ø.125" (3.2) X4 ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM WIDE SLOT (2X) .045/.050 (1.2)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC9237 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC9237 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
SPECIFICATIONS
ELECTRICAL:
FREQUENCY: 0-12 GHZ
IMPEDANCE: 50 OHMS
OP. TEMP RANGE: -55°C to +155°C
MECHANICAL:
MATERIAL BODY: BRASS; ALBALOY PLATING
CENTER CONTACT: BeCu
CONTACT PLATING: Au PER MIL-G-45204
INSULATOR: TEFLON
INTERFACE: MIL-STD-348A
ROHS COMPLIANT
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
3FKR5
N-F PANEL MOUNT
DOUBLE WIDE MOUNT
N-F PANEL MOUNT DOUBLE WIDE MOUNT
.045/.050
WIDE SLOT (2X)
(1.2)
.718" TYP
(18.2)
1.000" SQ
(25.4)
Ø.125"
X4
(3.2)
.080"
(2.0)
.390"
±.010
(9.9)
1.127"
REF
(28.6)
.168"
±.010
(4.3)
Ø.120"
.001
(3.0)
Ø.426"
±.001
(10.8)
ALL DIMENSIONS IN inches(MM) Typical


Similar Part No. - SC9237

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC9232 FAIRVIEW-SC9232 Datasheet
625Kb / 3P
N Female Connector Stub Terminal Solder Attachment 4 Hole Flange
REV 1.1
SC9233 FAIRVIEW-SC9233 Datasheet
532Kb / 3P
N Female Connector Stub Terminal Solder Attachment 4 Hole Flange
REV 2.1A
logo
Silan Microelectronics ...
SC9235 SILAN-SC9235 Datasheet
139Kb / 9P
ELECTRONIC VOLUME
logo
Infinite Electronics In...
SC9235 FAIRVIEW-SC9235 Datasheet
288Kb / 1P
N-F PANEL MOUNT SOLDER POT
REV A
logo
Silan Microelectronics ...
SC9235S SILAN-SC9235S Datasheet
139Kb / 9P
ELECTRONIC VOLUME
More results

Similar Description - SC9237

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0036 MACOM-MAAPGM0036 Datasheet
238Kb / 6P
1.2-3.2 GHz 1.2W Power Amplifier
logo
List of Unclassifed Man...
C-66471 ETC1-C-66471 Datasheet
41Kb / 1P
PIN CONTACT, CRIMPED, 0.062, .045 x .045 POST M SERIES
logo
TRIAD MAGNETICS
FS24-045 TRIAD-FS24-045 Datasheet
44Kb / 1P
FS24-045
logo
Tyco Electronics
MAAPGM0036-DIE MACOM-MAAPGM0036-DIE Datasheet
251Kb / 6P
1.2-3.2 GHz 1.2W Power Amplifier
logo
List of Unclassifed Man...
ULCD-32WPTU ETC2-ULCD-32WPTU Datasheet
2Mb / 20P
3.2??Wide microLCD PICASO Display
C2P0108S-A ETC2-C2P0108S-A Datasheet
88Kb / 2P
0.82 / 1.2 WIDE 0.25 AMP 28 VDC
C3P0212S-A ETC2-C3P0212S-A Datasheet
90Kb / 3P
0.82 / 1.2 WIDE 0.25 AMP 28 VDC
logo
EUROQUARTZ limited
XON32 EUROQUARTZ-XON32 Datasheet
84Kb / 1P
3.2 x 2.5mm, Wide Operating Temperature
logo
List of Unclassifed Man...
TG5 ETC-TG5 Datasheet
112Kb / 1P
SMD Glass Sealed Ceramic 5.0×3.2×1.2 mm
logo
AAEON Technology
PER-T479 AAEON-PER-T479 Datasheet
966Kb / 1P
4-Port USB 3.2 Gen 1 PCI-E [x4] Frame Grabber Card
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com