Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC40103 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC40103
Description  8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC40103 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC40103 Datasheet HTML 1Page - STMicroelectronics M54HC40103 Datasheet HTML 2Page - STMicroelectronics M54HC40103 Datasheet HTML 3Page - STMicroelectronics M54HC40103 Datasheet HTML 4Page - STMicroelectronics M54HC40103 Datasheet HTML 5Page - STMicroelectronics M54HC40103 Datasheet HTML 6Page - STMicroelectronics M54HC40103 Datasheet HTML 7Page - STMicroelectronics M54HC40103 Datasheet HTML 8Page - STMicroelectronics M54HC40103 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
M54/74HC40102
M54/74HC40103
March 1993
8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXXXF1R
M74HCXXXXXM1R
M74HCXXXXXB1R
M74HCXXXXX C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
DESCRIPTION
.
HIGH SPEED
fMAX = 40 MHz (TYP.) at VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) at TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V to 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
40102B/40103B
The M54/74HC40102/40103 are high speed CMOS
8-STAGE
PRESETTABLE
SYNCHRONOUS
DOWN COUNTERS fabricated with silicon gate
C
2MOS technology. They achieve the high speed
operation similar to equivalent LSTTL while main-
taining the CMOS low power dissipation.
The HC40102, and HC40103 consist of an 8-stage
synchronous down counter with a single output
which is active when the internal count is zero. The
HC40102 is configured as two cascaded 4-bit BCD
counters, and the HC40103 contains a single 8-bit
binary counter. Each type has control inputs for en-
abling or disabling the clock, for clearing the counter
to its maximum count, and for presetting the counter
either synchronously or asynchronously. All control
inputs and the CARRY-OUT/ZERO-DETECT out-
put are active-low logic. In normal operation, the
counter is decremented by one count on each posi-
tive transition of the CLOCK. Counting is inhibited
when the CARRY-IN/COUNTER ENABLE (CI/CE)
input is high. The CARRY-OUT/ZERO-DETECT
(CO/ZD) output goes low when the count reaches
zero if the CI/CE input is low, and remains low for
one full clock period. When the SYNCHRONOUS
PRESET-ENABLE (SPE) input is low, data at the J
input is clocked into the counter on the next positive
clock transition regardless of the state of the CI/CE
input.
1/14


Similar Part No. - M54HC40103

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4011F1R STMICROELECTRONICS-M54HC4011F1R Datasheet
269Kb / 13P
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
Feb-1993
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
QUAD BILATERAL SWITCH
Oct-1993
M54HC4016F1R STMICROELECTRONICS-M54HC4016F1R Datasheet
257Kb / 11P
QUAD BILATERAL SWITCH
Oct-1993
M54HC4017 STMICROELECTRONICS-M54HC4017 Datasheet
258Kb / 12P
DECADE COUNTER/DIVIDER
Oct-1992
M54HC4017F1R STMICROELECTRONICS-M54HC4017F1R Datasheet
258Kb / 12P
DECADE COUNTER/DIVIDER
Oct-1992
More results

Similar Description - M54HC40103

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS196 MOTOROLA-SN54LS196 Datasheet
227Kb / 6P
4-STAGE PRESETTABLE RIPPLE COUNTERS
logo
STMicroelectronics
HCC40102B STMICROELECTRONICS-HCC40102B Datasheet
270Kb / 13P
8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
Jun-1989
logo
Texas Instruments
CD40102B TI-CD40102B Datasheet
572Kb / 14P
CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
logo
Intersil Corporation
CD40102BMS INTERSIL-CD40102BMS Datasheet
166Kb / 13P
CMOS 8-Stage Presettable Synchronous Down Counters
December 1992
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
PRESETTABLE UP / DOWN COUNTERS
logo
Texas Instruments
CD54HC40103 TI-CD54HC40103_08 Datasheet
454Kb / 16P
High-Speed CMOS Logic 8-Stage Synchronous Down Counters
logo
Motorola, Inc
SN54LS196 MOTOROLA-SN54LS196 Datasheet
93Kb / 6P
4-STAGE PRESETTABLE RIPPLE COUNTERS
logo
STMicroelectronics
M74HC40103 STMICROELECTRONICS-M74HC40103 Datasheet
662Kb / 16P
8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTER
Sep-2001
HCF40103B STMICROELECTRONICS-HCF40103B_02 Datasheet
830Kb / 14P
8-STAGE PRESETTABLE SYNCHRONOUS 8 BIT BINARY DOWN COUNTERS
Sep-2002
logo
Texas Instruments
CD40102B TI1-CD40102B_15 Datasheet
1Mb / 17P
CMOS 8-stage Presettable Synchronous Down Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com