Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC40103 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M54HC40103
Description  8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC40103 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M54HC40103 Datasheet HTML 2Page - STMicroelectronics M54HC40103 Datasheet HTML 3Page - STMicroelectronics M54HC40103 Datasheet HTML 4Page - STMicroelectronics M54HC40103 Datasheet HTML 5Page - STMicroelectronics M54HC40103 Datasheet HTML 6Page - STMicroelectronics M54HC40103 Datasheet HTML 7Page - STMicroelectronics M54HC40103 Datasheet HTML 8Page - STMicroelectronics M54HC40103 Datasheet HTML 9Page - STMicroelectronics M54HC40103 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH
tPHL
Propagation
Delay Time
(CK - CO/ZD)
2.0
96
185
230
280
ns
4.5
24
37
46
56
6.0
20
31
39
47
tPLH
tPHL
Propagation
Delay Time
(APE - CO/ZD)
2.0
116
225
280
340
ns
4.5
29
45
56
68
6.0
25
38
48
57
tPLH
tPHL
Propagation
Delay Time
(CL - CO/ZD)
2.0
104
200
250
300
ns
4.5
26
40
50
60
6.0
22
34
43
51
tPLH
tPHL
Propagation
Delay Time
(CI/CE - CO/ZD)
2.0
48
95
120
145
ns
4.5
12
19
24
29
6.0
10
16
20
24
fMAX
Propagation
Delay Time
2.0
4
8
3
2.6
pF
4.5
20
32
16
13
6.0
24
38
19
15
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
60
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
TEST CIRCUIT ICC (Opr.)
INPUT TRANSITION TIME IS THE SAME AS THAT IN CASE OF SWITCHING CHARACTERISTICS TEST.
M54/M74HC40102/40103
6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com