Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WDF331PAH Datasheet(PDF) 2 Page - Whirlpool.

Part # WDF331PAH
Description  Undercounter Dishwasher
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WDF331PAH Datasheet(HTML) 2 Page - Whirlpool.

  WDF331PAH Datasheet HTML 1Page - Whirlpool. WDF331PAH Datasheet HTML 2Page - Whirlpool. WDF331PAH Datasheet HTML 3Page - Whirlpool. WDF331PAH Datasheet HTML 4Page - Whirlpool. WDF331PAH Datasheet HTML 5Page - Whirlpool. WDF331PAH Datasheet HTML 6Page - Whirlpool. WDF331PAH Datasheet HTML 7Page - Whirlpool. WDF331PAH Datasheet HTML 8Page - Whirlpool. WDF331PAH Datasheet HTML 9Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Because Whirlpool Corporation policy includes a continuous commitment
to improve our products, we reserve the right to change materials and
specifications without notice.
Dimensions are for planning purposes only. For complete details, see
Installation Instructions packed with product. Specifications subject to
change without notice.
2
PRODUCT DIMENSIONS (FOR 331 AND 340 MODELS)
For 4" (100 mm) toe kick, height of cabinet opening is 341/2" (863 mm).
A.
Insulation may be compressed (not used on all models).
237/8"
(606 mm)
30"
(762 mm)
3½" - 4½"
(88 mm - 106 mm)
33½"
(851 mm)
minimum with
leveling legs
removed
25¼"
(641 mm)
3/4"
(19 mm)
A
30"
(762 mm)
21"
(533 mm)
3¾"
(94 mm)
PRODUCT DIMENSIONS (FOR 500 AND 700 MODELS)
For 4" (100 mm) toe kick, height of cabinet opening is 341/2" (863 mm).
A.
Insulation may be compressed (not used on all models).
B.
Door handles may protrude forward of the face of the dishwasher,
(varies by model).
minimum with
leveling legs
removed
251/4"
(641 mm)
3/4"
(19 mm)
A
30"
(762 mm)
33/4"
(94 mm)
21"
(533 mm)
B
If Connecting Dishwasher with Direct Wiring:
■
Use flexible, armored, or nonmetallic sheathed copper wire
with grounding wire that meets the wiring requirements for your
home and local codes and ordinances.
■
Use a UL Listed/CSA Approved metallic strain relief.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com