Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WDF331PAM Datasheet(PDF) 1 Page - Whirlpool.

Part # WDF331PAM
Description  Undercounter Dishwasher
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WDF331PAM Datasheet(HTML) 1 Page - Whirlpool.

  WDF331PAM Datasheet HTML 1Page - Whirlpool. WDF331PAM Datasheet HTML 2Page - Whirlpool. WDF331PAM Datasheet HTML 3Page - Whirlpool. WDF331PAM Datasheet HTML 4Page - Whirlpool. WDF331PAM Datasheet HTML 5Page - Whirlpool. WDF331PAM Datasheet HTML 6Page - Whirlpool. WDF331PAM Datasheet HTML 7Page - Whirlpool. WDF331PAM Datasheet HTML 8Page - Whirlpool. WDF331PAM Datasheet HTML 9Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Because Whirlpool Corporation policy includes a continuous commitment
to improve our products, we reserve the right to change materials and
specifications without notice.
Dimensions are for planning purposes only. For complete details, see
Installation Instructions packed with product. Specifications subject to
change without notice.
Undercounter Dishwasher
PRODUCT MODEL NUMBERS
WDF110PAB
WDF111PAB
WDF120PAF
WDF121PAF
WDF130PAH
WDF131PAH
WDF320PAD
WDF330PAH
WDF331PAH
WDF331PAM
WDF340PAM
WDF520PAD
WDF540PAD
WDF545PAF
WDT530HAM
WDT540HAM
WDT710PAH
WDT720PAD
WDT730HAM
WDP530HAT**
WDT730PAH
WDT735PAG
WDT735PAH
WDP540HAM
WDP560HAM
WDP730HAM
WDF332PAM**
WDF341PAP**
WDT531HAP**
DRAIN REQUIREMENTS
A new drain hose is supplied with your dishwasher. If drain
hose is not long enough, use a new drain hose with a
maximum length of 12 ft (3.7 m) that meets all current
AHAM/ IAPMO test standards, is resistant to heat and
detergent, and fits the 1" (25 mm) drain connector of the
dishwasher. See the “Tools and Parts” section at the front of
the guide for part details and orders.
Make sure to connect drain hose to waste tee or disposer
inlet above drain trap in house plumbing and 20" (508 mm)
minimum above the floor. It is recommended that the drain
hose either be looped up and securely fastened to the
underside of the counter or be connected to an air gap.
Make sure to use an air gap if the drain hose is connected to
house plumbing lower than 20" (508 mm) above subfloor or
floor.
Use of air gap
If required, the air gap should be installed in accordance with
the air gap installation instructions. When you are connecting
the air gap, a rubber hose (not provided) will be needed to
connect to the waste tee or disposer inlet.
Use 1/2" (13 mm) minimum I.D. drain line fittings.
WATER SUPPLY REQUIREMENTS
This dishwasher has a water heating feature and also requires
a connection to a hot water supply line.
A hot water line with 20 psi to 120 psi (138 kPa to 862 kPa)
water pressure can be verified by a licensed plumber.
120°F (49°C) water at dishwasher.
3/8" (95 mm) O.D. copper tubing with compression fitting or
flexible braided water supply line. See the “Tools and Parts”
section at the front of the guide for part details and orders.
NOTE: 1/2" (13 mm) minimum plastic tubing is not
recommended.
A 90° elbow with 3/4" (95 mm) hose connection with rubber
washer. See the “Tools and Parts” section at the front of the
guide for part details and orders.
Do not solder within 6" (152 mm) of the water inlet valve.
If installed in new construction, make sure the house water
supply lines have been flushed prior to connecting the
dishwasher to remove any debris that may exist in the supply
line.
NOTE: If replacing an existing dishwasher, it is
recommended to install a new water line (see the “Tools and
Parts” section at the front of the guide for part details) and
drain hose (supplied) with the new dishwasher.
ELECTRICAL REQUIREMENTS
You Must Have:
120 V, 60 Hz, AC only, 15 A or 20 A, fused electrical supply.
Copper wire only.
A maximum of 2 field wiring supply conductors (12 AWG
largest size) plus 1 grounding conductor are permitted in the
terminal box.
We Recommend:
A time-delay fuse or circuit breaker.
A separate circuit.
If Connecting Dishwasher with a Power Cord:
Use UL Listed power cord kit marked for use with
dishwasher. See the “Tools and Parts” section at the
front of the guide for part details and orders.
Plug into a grounded 3 prong outlet. Outlet must meet
all local codes and ordinances.
Air gap
W11542837C
Electrical Shock Hazard
Plug into a grounded 3 prong outlet.
Do not remove ground prong.
Do not use an adapter.
Do not use an extension cord.
Failure to follow these instructions can result in death,
fire, or electrical shock.
WARNING


Similar Part No. - WDF331PAM

ManufacturerPart #DatasheetDescription
logo
Dubilier
WDF DUBILIER-WDF Datasheet
359Kb / 6P
CERAMIC DISC
logo
Whirlpool.
WDF518SAA WHIRLPOOL-WDF518SAA Datasheet
105Kb / 1P
Undercounter Dishwasher
5/1/16
WDF518SAF WHIRLPOOL-WDF518SAF Datasheet
105Kb / 1P
Undercounter Dishwasher
5/1/16
WDF550SAA WHIRLPOOL-WDF550SAA Datasheet
98Kb / 1P
Undercounter Dishwasher
5/1/16
WDF550SAF WHIRLPOOL-WDF550SAF Datasheet
98Kb / 1P
Undercounter Dishwasher
5/1/16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com