Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2305CPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2305CPZ-R2
Description  Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2305CPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  SSM2305CPZ-R2 Datasheet HTML 1Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 2Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 3Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 4Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 5Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 6Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 7Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 8Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SSM2305
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Rev. 0 | Page 5 of
16
PIN 1
INDICATOR
NC = NO CONNECT
TOP VIEW
(Not to Scale)
SSM2305
SD 1
2
NC
3
IN+
4
IN–
7GND
8OUT–
6VDD
5OUT+
Figure 2. LFSCP Pin Configuration
SD 1
NC 2
IN+ 3
IN– 4
OUT–
8
GND
7
VDD
6
OUT+
5
SSM2305
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 3. MSOP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SD
Shutdown Input. Active low digital input.
2
NC
No Connect. This pin has no function, tie it to GND.
3
IN+
Noninverting Input.
4
IN−
Inverting Input.
5
OUT+
Noninverting Output.
6
VDD
Power Supply.
7
GND
Ground.
8
OUT−
Inverting Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com