Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2305CPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2305CPZ-R2
Description  Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2305CPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2305CPZ-R2 Datasheet HTML 6Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 7Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 8Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 9Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 10Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 11Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 12Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 13Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SSM2305
Rev. 0 | Page 10 of 1
6
0
–10
–20
–30
–40
–50
–60
–70
–80
8
7
6
5
4
3
2
1
0
–1
–2
–10
0
10
20
SD INPUT
OUTPUT
30
40
50
60
70
80
90
TIME (ms)
Figure 30. Turn-On Response
–90
–100
10
100
1000
100000
10000
FREQUENCY (Hz)
Figure 28. Power Supply Rejection Ratio vs. Frequency
8
7
6
5
4
3
2
1
0
–1
–2
–500 –400 –300 –200 –100
0
100
200
300
400
500
TIME (µs)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1000
100000
10000
FREQUENCY (Hz)
Figure 29. Common-Mode Rejection Ratio vs. Frequency
SD INPUT
OUTPUT
Figure 31. Turn-Off Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com