Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2305RMZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2305RMZ-R2
Description  Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2305RMZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  SSM2305RMZ-R2 Datasheet HTML 1Page - Analog Devices SSM2305RMZ-R2 Datasheet HTML 2Page - Analog Devices SSM2305RMZ-R2 Datasheet HTML 3Page - Analog Devices SSM2305RMZ-R2 Datasheet HTML 4Page - Analog Devices SSM2305RMZ-R2 Datasheet HTML 5Page - Analog Devices SSM2305RMZ-R2 Datasheet HTML 6Page - Analog Devices SSM2305RMZ-R2 Datasheet HTML 7Page - Analog Devices SSM2305RMZ-R2 Datasheet HTML 8Page - Analog Devices SSM2305RMZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Filterless High Efficiency
Mono 2.8 W Class-D Audio Amplifier
SSM2305
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Filterless Class-D amplifier with Σ-Δ modulation
No sync necessary when using multiple Class-D amplifiers
from Analog Devices, Inc.
2.8 W into 4 Ω load and 1.6 W into 8 Ω load at 5.0 V supply
with <10% total harmonic distortion (THD)
89% efficiency at 5.0 V, 1.3 W into 8 Ω speaker
>98 dB signal-to-noise ratio (SNR)
Single-supply operation from 2.5 V to 5.5 V
20 nA ultralow shutdown current
Short-circuit and thermal protection
Available in 8-lead, 3 mm × 3 mm LFCSP and MSOP
Pop-and-click suppression
Built-in resistors reduce board component count
Fixed and user-adjustable gain configurations
APPLICATIONS
Mobile phones
MP3 players
Portable gaming
Portable electronics
Educational toys
GENERAL DESCRIPTION
The SSM2305 is a fully integrated, high efficiency, Class-D
audio amplifier designed to maximize performance for mobile
phone applications. The application circuit requires a minimum
of external components and operates from a single 2.5 V to 5.5 V
supply. It is capable of delivering 2.2 W of continuous output
power with less than 1% THD + N driving a 4 Ω load from a
5.0 V supply. It has built-in thermal shutdown and output short-
circuit protection.
The SSM2305 features a high efficiency, low noise modulation
scheme that does not require external LC output filters. The modu-
lation provides high efficiency even at low output power. The
SSM2305 operates with 90% efficiency at 1.3 W into 8 Ω or 83%
efficiency at 2.2 W into 4 Ω from a 5.0 V supply and has an SNR of
>98 dB. Spread-spectrum pulse density modulation is used to
provide lower EMI-radiated emissions compared with other
Class-D architectures.
The SSM2305 has a micropower shutdown mode with a maximum
shutdown current of 30 nA. Shutdown is enabled by applying
a Logic 0 to the SD pin. The device also includes pop-and-click
suppression circuitry. This minimizes voltage glitches at the
output during turn-on and turn-off, thus reducing audible noise
on activation and deactivation.
The fully differential input of the SSM2305 provides excellent
rejection of common-mode noise on the input. Input coupling
capacitors can be omitted if the dc input common-mode voltage
is approximately VDD/2.
The SSM2305 has excellent rejection of power supply noise,
including noise caused by GSM transmission bursts and RF
rectification. PSRR is typically 60 dB at 217 Hz.
The default gain of the SSM2305 is 18 dB, but users can reduce the
gain by using a pair of external resistors.
The SSM2305 is specified over the commercial temperature range
(−40°C to +85°C). It is available in both an 8-lead, 3 mm ×
3 mm lead frame chip scale package (LFCSP) and an 8-lead
mini small outline package (MSOP).
FUNCTIONAL BLOCK DIAGRAM
SHUTDOWN
0.1µF
VDD
POP/CLICK
SUPPRESSION
OUT+
OUT–
IN+
VBATT
2.5V TO 5.5V
IN–
MODULATOR
(Σ-Δ)
GND
10µF
47nF*
*INPUT CAPACITORS ARE OPTIONAL IF INPUT DC COMMON-MODE
47nF*
VOLTAGE IS APPROXIMATELY VDD/2.
SD
AUDIO IN–
AUDIO IN+
SSM2305
20kΩ
160kΩ
160kΩ
20kΩ
FET
DRIVER
BIAS
INTERNAL
OSCILLATOR
Figure 1.


Similar Part No. - SSM2305RMZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2305RMZ-R2 AD-SSM2305RMZ-R2 Datasheet
902Kb / 16P
Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
5/2016-Rev. A to Rev. B
More results

Similar Description - SSM2305RMZ-R2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSM2301 TI-SSM2301 Datasheet
366Kb / 19P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Analog Devices
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
1/08-Revision 0
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2319 AD-SSM2319 Datasheet
497Kb / 20P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2301 AD-SSM2301_15 Datasheet
431Kb / 16P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
REV. A
SSM2305 AD-SSM2305_16 Datasheet
902Kb / 16P
Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
5/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com