Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2305RMZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # SSM2305RMZ-R2
Description  Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2305RMZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button SSM2305RMZ-R2 Datasheet HTML 8Page - Analog Devices SSM2305RMZ-R2 Datasheet HTML 9Page - Analog Devices SSM2305RMZ-R2 Datasheet HTML 10Page - Analog Devices SSM2305RMZ-R2 Datasheet HTML 11Page - Analog Devices SSM2305RMZ-R2 Datasheet HTML 12Page - Analog Devices SSM2305RMZ-R2 Datasheet HTML 13Page - Analog Devices SSM2305RMZ-R2 Datasheet HTML 14Page - Analog Devices SSM2305RMZ-R2 Datasheet HTML 15Page - Analog Devices SSM2305RMZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SSM2305
Rev. 0 | Page 14 of 1
6
OUTLINE DIMENSIONS
1
EXPOSED
PAD
(BOTTOM VIEW)
0.50
BSC
PIN 1
INDICATOR
0.50
0.40
0.30
TOP
VIEW
12° MAX
0.70 MAX
0.65 TYP
0.90 MAX
0.85 NOM
0.05 MAX
0.01 NOM
0.20 REF
1.89
1.74
1.59
4
1.60
1.45
1.30
3.25
3.00 SQ
2.75
2.95
2.75 SQ
2.55
5
8
PIN 1
INDICATOR
SEATING
PLANE
0.30
0.23
0.18
0.60 MAX
0.60 MAX
Figure 35. 8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
3 mm × 3 mm Body, Very Thin, Dual Lead
(CP-8-2)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-187-AA
0.80
0.60
0.40
8°
0°
4
8
1
5
3.20
3.00
2.80
PIN 1
0.65 BSC
SEATING
PLANE
0.38
0.22
1.10 MAX
COPLANARITY
0.10
0.23
0.08
5.15
4.90
4.65
3.20
3.00
2.80
0.95
0.85
0.75
0.15
0.00
Figure 36. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
SSM2305CPZ-R21
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
CP-8-2
Y10
SSM2305CPZ-REEL1
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
CP-8-2
Y10
SSM2305CPZ-REEL71
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
CP-8-2
Y10
SSM2305RMZ-R21
−40°C to +85°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
Y10
SSM2305RMZ-REEL1
−40°C to +85°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
Y10
SSM2305RMZ-REEL71
−40°C to +85°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
Y10
SSM2305-EVALZ1
Evaluation Board with LFCSP Model
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com