Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA20721 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA20721
Description  Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA20721 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIA20721 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA20721 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA20721 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA20721 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA20721 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA20721 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA20721 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA20721 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA20721 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DIA2072X
Version 1.6, Sep 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
I
Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
Features
AEC-Q100 qualified
−
Device ambient temperature:
-40°C ≤ TA ≤ 125°C
−
Device junction temperature:
-40°C ≤ TJ ≤ 150°C
Wide supply range: 2.5 V to 5.5 V or ±1.25 V to
±2.75 V
Rail-to-rail input and output
Wide bandwidth: 10 MHz typical at VCC = 5 V
Low input offset voltage: 0.5 mV typical
Input offset voltage drift: 5 μV/°C typical over
operating temperature range
Low total harmonic distortion: 0.04% typical at
VCC = 5 V
Low supply current: 620 μA typical per channel
at VCC = 5 V
Slew rate: 6.5 V/µs typical
Applications
Automotive and transportation
Portable equipment
Active filters
Data acquisition
Portable equipment
Test equipment
Process control
Package Information
Description
The DIA2072X devices are low power, high precision
CMOS operational amplifiers for automotive
applications. It provides rail-to-rail input and output
operation from a range of 2.5 V to 5.5 V at both
single-supply and split-supply operation.
These amplifiers operate at single power supply or
dual power supply and offer 10 MHz bandwidth, slew
rate of 6.5 V/µs and only 620 µA of quiescent current
per channel. The DIA2072X offer low input offset
voltage of 0.5 mV and low input offset voltage drift of
5 µV/°C.
The DIA2072X family is available in standard
package such as SOT23-5, MSOP-8, SOIC-8, and
SOP-14. It is specified over ambient temperature
range of -40°C to 125°C. The DIA2072X provides an
excellent choice for high-quality systems.
Simplified Schematic
Part Number
Package
Body Size
DIA20721
SOT23-5
2.926 mm × 1.626 mm
DIA20722
MSOP-8
3.0 mm × 3.0 mm
SOIC-8
4.9 mm × 3.9 mm
DIA20724
SOP-14
8.65 mm × 3.9 mm


Similar Part No. - DIA20721

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIA20903 DIOO-DIA20903 Datasheet
1Mb / 14P
High Voltage, Dual Differential Comparator with Open-Drain Output
Jan 2025
DIA20903CS8 DIOO-DIA20903CS8 Datasheet
1Mb / 14P
High Voltage, Dual Differential Comparator with Open-Drain Output
Jan 2025
DIA20903PN8 DIOO-DIA20903PN8 Datasheet
1Mb / 14P
High Voltage, Dual Differential Comparator with Open-Drain Output
Jan 2025
More results

Similar Description - DIA20721

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
December 22, 2009
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
December 22, 2009
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
March 25, 2010
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
June 9, 2011
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
June 23, 2011
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
TLV9061 TI1-TLV9061 Datasheet
345Kb / 22P
10-MHz, RRIO, CMOS Operational Amplifier for Cost-Sensitive Systems
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com