Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA20721 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA20721
Description  Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA20721 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA20721 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA20721 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA20721 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIA20721 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIA20721 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIA20721 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIA20721 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIA20721 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIA20721 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DIA2072X
Version 1.6, Sep 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
10
9.3. MSOP8
Common Dimensions
(Units of measure = Millimeter)
Symbol
Min
Nom
Max
A
-
-
1.10
A1
0.05
0.10
0.15
A2
0.75
0.85
0.95
A3
0.30
0.35
0.40
b
0.25
-
0.38
b1
0.24
0.30
0.33
c
0.15
-
0.20
c1
0.14
0.15
0.16
D
2.90
3.00
3.10
E
4.75
4.90
5.05
E1
2.90
3.00
3.10
e
0.55
0.65
0.75
L
0.40
0.55
0.70
L1
0.95 REF
L2
0.25 BSC
R
0.07
-
-
R1
0.07
-
-
θ
0°
-
8°
θ1
9°
12°
15°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com