Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPG2 Datasheet(PDF) 157 Page - ABB

Part # OPG2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPG2 Datasheet(HTML) 157 Page - ABB

Back Button OPG2 Datasheet HTML 153Page - ABB OPG2 Datasheet HTML 154Page - ABB OPG2 Datasheet HTML 155Page - ABB OPG2 Datasheet HTML 156Page - ABB OPG2 Datasheet HTML 157Page - ABB OPG2 Datasheet HTML 158Page - ABB OPG2 Datasheet HTML 159Page - ABB OPG2 Datasheet HTML 160Page - ABB OPG2 Datasheet HTML 161Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 192 page
background image
—
Motorized switch-disconnectors
Technical data, motor operators
Data for motor operator of switch-disconnectors, OTM according to IEC 60947
Switch type
OTM40…125
OTM160...250
OTM315…400
OTM600...800
OTM1000…4000
Rated operational voltage Ue
Pollution
degree 3
3- and 4-pole
110...240 V AC/DC –
–
–
–
50/60 Hz
2-pole
–
110V...240 V AC/DC 110V...240 V AC/DC 110V...240 V AC/DC 110V...240 V AC/DC 2)
3-pole
–
110V...240 VAC
110V...240 VAC
110V...240 VAC
110V...240 VAC
Operating voltage range
0.85...1.1 x Ue
0.85...1.1 x Ue
0.85...1.1 x Ue
0.85...1.1 x Ue
0.85...1.1 x Ue
Operating time 1)
90° I - 0, 0 - I
110...240 V
AC/DC
0.5...1.0 s
–
–
–
–
24 V DC
0.6...1.3 s
–
–
–
–
110-240 V AC
–
0.5...1.0 s
0.5...1.0 s
0.5...1.5 s
1.0...2.0 s
Nominal current In 1)
110-240 V AC
–
0.3 A
0.5 A
0.9 A
1.4 A
Current inrush 1)
110-240 V AC
–
1.5 A
2.5 A
4 A
10 A
Overload fuse
Type / In /
Capacity
110-240 V AC
–
T / 315 mA / H
T / 500 mA / H
T / 1000 mA/ H
T / 2000 mA/ H
Size
–
5x20 mm
5x20 mm
5x20 mm
5x20 mm
Operating rate
Max. continuous
1 cycles / min
1 cycles / min
1 cycles / min
1 cycles / min
0.5 cycles / min
Max. short-time
≤ 10 cycles
10 cycles / min
10 cycles / min
10 cycles / min
10 cycles / min
5 cycles / min
Overvoltage category
III
III
III
III
III
Rated impulse
withstand voltage Uimp
4 kV
4 kV
4 kV
4 kV
4 kV
Dielectric strength
50 Hz 1 min.
1.5 kV
1.5 kV
1.5 kV
1.5 kV
1.5 kV
Impulse command
Min. impulse
–
–
–
–
–
duration
100 ms
100 ms
100 ms
100 ms
100 ms
Terminals
Voltage supply wiring for Ue
PE - N - L
PE - N - L
PE - N - L
PE - N - L
PE - N - L
Cross section
solid/stranded 1.5...2.5 mm²
1.5...2.5 mm²
1.5...2.5 mm²
1.5...2.5 mm²
1.5...2.5 mm²
Short-circuit
protection device
max.MCB/
fuse size
16 A
16 A
16 A
16 A
16 A
Control terminal for the push -buttons
C - I - O
C - I - O
C - I - O
C - I - O
C - I - O
Push-button control
–
no SELV
no SELV
no SELV
no SELV
Cross section
solid/stranded 1.5 - 2.5 mm²
1.5 - 2.5 mm²
1.5...2.5 mm²
1.5...2.5 mm²
1.5...2.5 mm²
Maximum cable length
100 m
100 m
100 m
100 m
100 m
Terminal for state information
solid/stranded 1.5 mm²
–
–
–
–
State information of locking
–
no SELV
no SELV
no SELV
no SELV
Common, voltage supply
11
3 A/AC-1/250 V
–
–
–
–
Handle attached or
motor operator locked
14
3 A/AC-1/250 V
–
–
–
–
11-12-14 (C/O)
–
5 A/250 V cos=1
5 A/250 V cos=1
5 A/250 V cos=1
5 A/250 V cos=1
Locking motor operator
23-24 (NO)
–
5 A/250 V cos=1
5 A/250 V cos=1
5 A/250 V cos=1
5 A/250 V cos=1
Short-circuit
protection device
MCB type
and size
C/2A
C/2A
C/2A
C/2A
C/2A
Protection degree (front panel)
IP20
IP20
IP20
IP20
IP20
Operating temperature
-25…+55 °C
-25…+55 °C
-25…+55 °C
-25…+55 °C
-25…+55 °C
Transportation and
storage temperature
-40…+70 °C
-40…+70 °C
-40…+70 °C
-40…+70 °C
-40…+70 °C
Max. altitude
2 000 m
2 000 m
2 000 m
2 000 m
2 000 m
1)
Under nominal conditions.
2)
Up to 2500A
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
157
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com