Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPG2 Datasheet(PDF) 94 Page - ABB

Part # OPG2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPG2 Datasheet(HTML) 94 Page - ABB

Back Button OPG2 Datasheet HTML 90Page - ABB OPG2 Datasheet HTML 91Page - ABB OPG2 Datasheet HTML 92Page - ABB OPG2 Datasheet HTML 93Page - ABB OPG2 Datasheet HTML 94Page - ABB OPG2 Datasheet HTML 95Page - ABB OPG2 Datasheet HTML 96Page - ABB OPG2 Datasheet HTML 97Page - ABB OPG2 Datasheet HTML 98Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 192 page
background image
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
OT315_K and OT400_K
17
A1
A2
26
B1
B2
35
C1
C2
140
140
140
120
70
26
48
11
Ø
5
12,5
150
65
A
B
25
185
40
4
33
126/51,5
95
85
43
128
M00079/OT315_400E01_04K A
OT315_...OT400_
[mm]
E01K
E02K
E03K
E04K
A
-
44
44
44
B
103
147
191
235
A1
140
140
140
140
A2
78
122
166
210
B1135
135
135
135
B296
140
184
228
C1104
104
104
104
C2114
158
202
246
17
A1
A2
26
B1
B2
35
C1
C2
140
140
140
120
70
26
48
11
Ø
5
12,5
150
65
A
B
25
185
40
4
33
126/51,5
95
85
43
128
M00079/OT315_400E01_04K A
OT315_...OT400_
[mm]
E01K
E02K
E03K
E04K
A
-
44
44
44
B
103
147
191
235
A1
140
140
140
140
A2
78
122
166
210
B1135
135
135
135
B296
140
184
228
C1104
104
104
104
C2114
158
202
246
Front operated switch-disconnectors OT160...800, base mounting, IEC
Main dimensions mm
OT315_...OT400_
[mm]
E01K
E02K
E03K
E04K
A
-
44
44
44
B
103
147
191
235
A1
140
140
140
140
A2
78
122
166
210
B1
135
135
135
135
B2
96
140
184
228
C1
104
104
104
104
C2
114
158
202
246
M00079/OT315_400E01_04K A
94
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
94
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com