Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPG2 Datasheet(PDF) 57 Page - ABB

Part # OPG2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPG2 Datasheet(HTML) 57 Page - ABB

Back Button OPG2 Datasheet HTML 53Page - ABB OPG2 Datasheet HTML 54Page - ABB OPG2 Datasheet HTML 55Page - ABB OPG2 Datasheet HTML 56Page - ABB OPG2 Datasheet HTML 57Page - ABB OPG2 Datasheet HTML 58Page - ABB OPG2 Datasheet HTML 59Page - ABB OPG2 Datasheet HTML 60Page - ABB OPG2 Datasheet HTML 61Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 192 page
background image
—
Accessories for manual switch-disconnectors OT16...160
Dimensional drawings for conversion kits
6 and 8-pole switches
OTZW8
A
OTZW8
A (min)
mm
OT16...40F
45+(0...12)x15
OT63...80F
60+(0...11)x15
OT100...125F
75+(0...10)x15
S00114C
8...65
6
55
A
B
39
18
B
90 mm+(0...10)x15 mm
max. 280
Ø 7
45
32
53
39
72
80
OESAZW1
Change-over switches
Mechanical interlock
OTZW10
OTZW10
OTZW10
A
206
B
190
C
6
D
30
S00119A
Main dimensions mm
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
57
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com