Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPG2 Datasheet(PDF) 151 Page - ABB

Part # OPG2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPG2 Datasheet(HTML) 151 Page - ABB

Back Button OPG2 Datasheet HTML 147Page - ABB OPG2 Datasheet HTML 148Page - ABB OPG2 Datasheet HTML 149Page - ABB OPG2 Datasheet HTML 150Page - ABB OPG2 Datasheet HTML 151Page - ABB OPG2 Datasheet HTML 152Page - ABB OPG2 Datasheet HTML 153Page - ABB OPG2 Datasheet HTML 154Page - ABB OPG2 Datasheet HTML 155Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 192 page
background image
—
Motorized switch-disconnectors
Made for remote operations
Motor operation
IEC
OTM40F
OTM160E
OTM315E
OTM630E
OTM63F
OTM200E
OTM400E
OTM800E
OTM80F
OTM250E
OTM100F
OTM125F
Switch size
40 A 63 A 80 A 100 A 125 A
160 A
200 A
250 A
315 A
400 A
630 A
800 A
Motor operation
IEC
OTM1000E
OTM1600E
OTM2000E
OTM1250E
OTM2500E
OTM3200E
OTM4000E
Switch size
1000 A
1250 A
1600 A
2000
2500 A
Accessories for motorized switch-disconnectors include:
– Handle accessories
– Auxiliary contacts
– Fourth poles
– N & PE terminals
– Terminal shrouds
– Terminal clamps
Please note that listed accessories are not automatically included in your order. Ordering information for
accessories from page 170-171 and 174-177.
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
151
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com