Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS2EN1 Datasheet(PDF) 46 Page - ABB

Part # OPS2EN1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2EN1 Datasheet(HTML) 46 Page - ABB

Back Button OPS2EN1 Datasheet HTML 42Page - ABB OPS2EN1 Datasheet HTML 43Page - ABB OPS2EN1 Datasheet HTML 44Page - ABB OPS2EN1 Datasheet HTML 45Page - ABB OPS2EN1 Datasheet HTML 46Page - ABB OPS2EN1 Datasheet HTML 47Page - ABB OPS2EN1 Datasheet HTML 48Page - ABB OPS2EN1 Datasheet HTML 49Page - ABB OPS2EN1 Datasheet HTML 50Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 192 page
background image
—
Accessories for manual switch-disconnectors OT16...160
Ordering information for shafts
OXP6X_-45
—
Shafts
Suitable for all the switches in this section, OT16...125F and OT160G.
Shaft diameter 6 mm.
Shaft length
Mounting depth H
Type
Order code
Weight/
unit
mm
mm
kg
For selector handles
85
See dimension drawings
OXS6X85
1SCA101647R1001
0.02
105
OXS6X105
1SCA108043R1001
0.02
120
OXS6X120
1SCA101654R1001
0.03
130
OXS6X130
1SCA101655R1001
0.03
160
OXS6X160
1SCA101656R1001
0.04
180
OXS6X180
1SCA101659R1001
0.04
250
OXS6X250
1SCA101660R1001
0.05
330
OXS6X330
1SCA101661R1001
0.05
For round padlockable handles
60
See dimension drawings
OX6X60
1SCA111459R1001
0.02
85
OX6X85
1SCA111274R1001
0.02
105
OX6X105
1SCA111930R1001
0.02
115
OX6X115
1SCA111931R1001
0.03
130
OX6X130
1SCA111460R1001
0.03
155
OX6X155
1SCA111275R1001
0.04
200
OX6X200
1SCA111932R1001
0.04
300
OX6X300
1SCA111933R1001
0.05
For pistol handles
150
See dimension drawings
OXP6X150
1SCA022295R5600
0.05
170
OXP6X170
1SCA108224R1001
0.05
265
OXP6X265
1SCA108225R1001
0.08
400
OXP6X400
1SCA108226R1001
0.12
—
Twisted shafts
Twisted shafts for pistol handles, the shaft position is rotated 45 degrees.
Shaft diameter 6 mm.
Shaft length
Mounting depth H
Type
Order code
Weight/
unit
mm
mm
kg
150
See dimension drawings
OXP6X150-45 1SCA022294R4400
0.05
170
OXP6X170-45 1SCA108227R1001
0.05
265
OXP6X265-45 1SCA108228R1001
0.08
430
OXP6X430-45 1SCA022860R8100
0.13
- When using long shafts, it is recommended to use shaft support OETLZX58.
OX6X_
OXP6X_
OXS6X_
H
OXP_X_
46
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
46
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com