Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS2EN1 Datasheet(PDF) 13 Page - ABB

Part # OPS2EN1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2EN1 Datasheet(HTML) 13 Page - ABB

Back Button OPS2EN1 Datasheet HTML 9Page - ABB OPS2EN1 Datasheet HTML 10Page - ABB OPS2EN1 Datasheet HTML 11Page - ABB OPS2EN1 Datasheet HTML 12Page - ABB OPS2EN1 Datasheet HTML 13Page - ABB OPS2EN1 Datasheet HTML 14Page - ABB OPS2EN1 Datasheet HTML 15Page - ABB OPS2EN1 Datasheet HTML 16Page - ABB OPS2EN1 Datasheet HTML 17Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 192 page
background image
—
Manual switch-disconnectors OT16...160
Product range
Manual operation
IEC
OT16F
OT63F
OT100F
OT25F
OT80F
OT125F
OT40F
UL 508 file # E63822
OT16F
OT63F
OT25F
OT80F
OT40F
UL 98 file # E101914
OT30F
OT60F
OT100F
Switch size
16
25
40
63
80
30
60
100
125
IEC
Ith
25 A
32 A
40 A
63 A
80 A
40 A
63 A
115 A
125 A
le / AC22A, 400...415 V
16 A
25 A
40 A
63 A
80 A
40 A
63 A
100 A
125 A
le / AC23A, 400...415 V
16 A
20 A
23 A
63 A
75 A
40 A
63 A
80 A
90 A
UL
Ampere rating, 600 V
20 A
30 A
40 A
60 A
80 A
30 A
60 A
100 A
Manual operation
IEC
OT160G
UL 98 file # E101914
OT160G
Switch size
100
125
160
IEC
Ith
160 A
le /AC22A, 400...690 V
160 A
le /AC23A, 400...690 V
160 A
UL
Ampere rating, 600 V
100 A
125 A
– Handles
– Legend plates
– Labelling accessories
– Shafts
– Auxiliary contacts
– Fourth poles
– N & PE terminals
– Terminal shrouds
– Terminal clamps
– Conversion kits
– Locking accessories
Please note that listed accessories are not automatically included in your order.
Ordering information for accessories from page 38-41, 44, 46-48, 51-56 and 59-60.
The selection of accessories for manual switch-disconnectors
OT16...160 include:
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
13
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com