Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPRO18C01 Datasheet(PDF) 4 Page - Clarke International

Part # NSPRO18C01
Description  SPRAY GUN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

NSPRO18C01 Datasheet(HTML) 4 Page - Clarke International

  NSPRO18C01 Datasheet HTML 1Page - Clarke International NSPRO18C01 Datasheet HTML 2Page - Clarke International NSPRO18C01 Datasheet HTML 3Page - Clarke International NSPRO18C01 Datasheet HTML 4Page - Clarke International NSPRO18C01 Datasheet HTML 5Page - Clarke International NSPRO18C01 Datasheet HTML 6Page - Clarke International NSPRO18C01 Datasheet HTML 7Page - Clarke International NSPRO18C01 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SPECIFICATIONS
Part No :.......................................
3090005
3090010
3090015
Cup Capacity :..........................
1 Litre
1 Litre
1 Litre
Air Consumption :......................
8.0 CFM
8.5 CFM
9.75 CFM
Air Inlet Connector :.................
1/4” BSP
1/4” BSP
1/4” BSP
Nozzle :........................................
1.2mm
1.4mm
1.8mm
Operating Pressure :.................
20 - 50 PSI
20 - 50 PSI
20 - 50 PSI
Maximum Pressure :..................
70 PSI
70 PSI
70 PSI
Fluid Connector:.......................
3/8” BSP
3/8” BSP
3/8” BSP
Please note that the details and specifications contained herein are correct at the time of going to
print. However CLARKE International reserve the right to change specifications at any time without
prior notice.
PRO SPRAY GUNS
Professional spray guns with external paint mix and 1 litre syphon cup for cellulose,
enamels, polyurethane, acrylics, metallics and all similar viscosity finishes
PRO-12C
PRO-14C
PRO-18C
PARTS LIST
No
DESCRIPTION
PRO12C
PRO14C
PRO18C
Qty
PART NUMBER
1
Air Cap Set
NSPRO12C01
NSPRO14C01
NSPRO18C01
1
2
Fluid Nozzle
NSPRO12C02
NSPRO14C02
NSPRO18C02
1
3
Needle Valve Packing
NSPRO12C03
NSPRO12C03
NSPRO12C03
1
4
Vale Packing Seat
NSPRO12C04
NSPRO12C04
NSPRO12C04
1
5
Spreader Adj valve Set
NSPRO12C05
NSPRO12C05
NSPRO12C05
1
5a
Spreader Adj Knob
NSPRO12C05a
NSPRO12C05a NSPRO12C05a
2
5b
Housing
NSPRO12C05b
NSPRO12C05b NSPRO12C05b
2
5c
’O’ Ring
NSPRO12C05c
NSPRO12C05c NSPRO12C05c
2
5d
Brass Washer
NSPRO12C05d
NSPRO12C05d NSPRO12C05d
2
5e
Spring
NSPRO12C05e
NSPRO12C05e NSPRO12C05e
1
5f
Stem
NSPRO12C05f
NSPRO12C05f
NSPRO12C05f
1
7
Needle Valve Guide
NSPRO12C07
NSPRO12C07
NSPRO12C07
1
8
Fluid Adj Screw
NSPRO12C08
NSPRO12C08
NSPRO12C08
1
9
Needle Valve Spring
NSPRO12C09
NSPRO12C09
NSPRO12C09
1
10
Needle Valve
NSPRO12C10
NSPRO14C10
NSPRO18C10
1
11
‘O’ Ring
NSPRO12C11
NSPRO12C11
NSPRO12C11
1
12
Gun Body
NSPRO12C12
NSPRO12C12
NSPRO12C12
1
13
Inlet Connector
NSPRO12C13
NSPRO12C13
NSPRO12C13
1
14
Air Adj Valve Set
NSPRO12C14
NSPRO12C14
NSPRO12C14
1
14e
Spring
NSPRO12C14e
NSPRO12C14e NSPRO12C14e
1
14F
Stem
NSPRO12C14f
NSPRO12C14f
NSPRO12C14f
1
15
Trigger Stopper
NSPRO12C15
NSPRO12C15
NSPRO12C15
1
16
Trigger Bearing Stud
NSPRO12C16
NSPRO12C16
NSPRO12C16
1
17
Trigger
NSPRO12C17
NSPRO12C17
NSPRO12C17
1
18
Air Valve Spring
NSPRO12C18
NSPRO12C18
NSPRO12C18
1
19
Air Valve
NSPRO12C19
NSPRO12C19
NSPRO12C19
1
20
Air Valve Set
NSPRO12C20
NSPRO12C20
NSPRO12C20
1
20a
Air Valve Packing Seat NSPRO12C20a
NSPRO12C20a NSPRO12C20a
1
20b
Air Valve Packing
NSPRO12C20b
NSPRO12C20b NSPRO12C20b
1
20c
Valve Body
NSPRO12C20c
NSPRO12C20c NSPRO12C20c
1
20d
‘O’ Ring
NSPRO12C20d
NSPRO12C20d NSPRO12C20d
1
21
Fluid Joint
NSPRO12C21
NSPRO12C21
NSPRO12C21
1
23
Cup Top Assembly
NSPRO12C23
NSPRO12C23
NSPRO12C23
1
24
Nut
NSPRO12C24
NSPRO12C24
NSPRO12C24
1
25
Cup Gasket
NSPRO12C25
NSPRO12C25
NSPRO12C25
1
26
Baffle
NSPRO12C26
NSPRO12C26
NSPRO12C26
1
27
Cup
NSPRO12C27
NSPRO12C27
NSPRO12C27
1
28
Tube Assembly
NSPRO12C28
NSPRO12C28
NSPRO12C28
1
29
Yoke Assembly
NSPRO12C29
NSPRO12C29
NSPRO12C29
1
30
Lever
NSPRO12C30
NSPRO12C30
NSPRO12C30
1
#
Spanner
NSPRO12C31
NSPRO12C31
NSPRO12C31
1
#
Cleaning Brush
NSPRO12C32
NSPRO12C32
NSPRO12C32
1
#
Air Hose Joint Set
NSPRO12C33
NSPRO12C33
NSPRO12C33
1
#
Part not shown
- 3 -
- 12 -
SPECIFICATIONS
Guarantee
2
Safety Precautions
4
General Arrangement
5
Air Supply
5
Using The Spraygun
6
Maintenance
7
Paint Spraying Hints
8 / 9
Parts List
11 / 12
CONTENTS
page



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com