Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPRO18C01 Datasheet(PDF) 5 Page - Clarke International

Part # NSPRO18C01
Description  SPRAY GUN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

NSPRO18C01 Datasheet(HTML) 5 Page - Clarke International

  NSPRO18C01 Datasheet HTML 1Page - Clarke International NSPRO18C01 Datasheet HTML 2Page - Clarke International NSPRO18C01 Datasheet HTML 3Page - Clarke International NSPRO18C01 Datasheet HTML 4Page - Clarke International NSPRO18C01 Datasheet HTML 5Page - Clarke International NSPRO18C01 Datasheet HTML 6Page - Clarke International NSPRO18C01 Datasheet HTML 7Page - Clarke International NSPRO18C01 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NOTE : products used in this spray gun may be covered by COSHH Regulations.
• ALWAYS check the manufacturer’s data sheets on the products being sprayed for
any particular hazards, and follow the manufacturer’s instructions. Take particular
care if spraying isocyanate paints.
• ALWAYS wear a suitable approved breathing mask when spraying, to protect against
inhalation of paint spray or fumes. An air feed mask may be required when spraying
some types of paint. If in doubt, check with the paint manufacturer.
• ALWAYS make sure there is adequate ventilation. Do not spray in confined or enclosed
areas.
• ALWAYS disconnect the spray gun from the air supply when it is not in use, and before
any disassembly.
• ALWAYS keep the spray nozzle in place when spraying.
• ALWAYS thoroughly clean the spray gun after use. See ‘Maintenance’
• NEVER spray paint towards people or animals. In the case of injury, seek expert
medical advice immediately.
• NEVER smoke while spraying or preparing paints, or spray near a naked flame, heat
source and electric sparks. Many paints are flammable.
• NEVER allow children to use or play with this appliance.
• NEVER spray products containing halogenated hydrocarbons (such as
trichloroethane or methylene chloride) with this gun as they can react chemically
with aluminium or zinc to produce an explosion hazard.
• NEVER exceed the maximum input air pressure of 70 psi (4.8 bar).
SAFETY PRECAUTIONS
WARNING
Compressed air can be
dangerous. Ensure that you are
thoroughly familiar with all
precautions relating to the use of
compressors and compressed air
supply.
For your personal safety and that of others around you. Follow
these safety instructions carefully.
PARTS DIAGRAM
- 4 -
- 11 -



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com