Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35835 Datasheet(PDF) 3 Page - MENDA

Part # 35835
Description  Blow VacOperation and Maintenance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

35835 Datasheet(HTML) 3 Page - MENDA

  35835 Datasheet HTML 1Page - MENDA 35835 Datasheet HTML 2Page - MENDA 35835 Datasheet HTML 3Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TB-4013 Page 3 of 3
© 2025 DESCO INDUSTRIES INC
Employee Owned
MENDA - 3651 Walnut Avenue, Chino, CA 91710 • (909) 627-2453 • Website: MendaPump.com
Specifications
Construction
Durable and highly solvent
resistant volume dissipative
polypropylene housing
Motor
1.15 hp
Energy Consumption 880 W max
Suction
80 W.G.
(measured at orifice motor)
Sound Level
72 dB @ 1 m
Weight
4.8 lbs.
Dimensions
12.5" x 5" x 7.5"
Speed
Simple bleeding valve
(35840)
Stepless electronic regulator
(35841, 35842)
Filter Bag
Advanced 5-Stage Filter System
Replace filter bag approximately
5 times before having to change
micromotorfilter
HEPA (pre-moto)
micromotorfilter
1.2 L multilayer filter bag
Hose
Dissipative thermoplastic rubber
stretch hose
Nozzle
Dissipative soft rubber snorkel
nozzle
Tools
Dissipative hard crevice tool
Accessories
Low charging leather shoulder
strap
Certifications
CE
Country of Origin
Netherlands
Limited Warranty, Warranty Exclusions, Limit
of Liability and RMA Request Instructions
See the MENDA Warranty -
MendaPump.com/Limited-Warranty.aspx



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com