Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35835 Datasheet(PDF) 1 Page - MENDA

Part # 35835
Description  Blow VacOperation and Maintenance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

35835 Datasheet(HTML) 1 Page - MENDA

  35835 Datasheet HTML 1Page - MENDA 35835 Datasheet HTML 2Page - MENDA 35835 Datasheet HTML 3Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TB-4013 Page 1 of 3
© 2025 DESCO INDUSTRIES INC
Employee Owned
MENDA - 3651 Walnut Avenue, Chino, CA 91710 • (909) 627-2453 • Website: MendaPump.com
Blow Vac
Operation and Maintenance
Description
The MENDA Blow Vac is a compact, dual function unit
which is totally made up of ESD Safe housing parts
and accessories. It is designed for precise removal
and collection of dry dust particles and debris from
equipment that is sensitive to electrostatic discharge
(ESD). Dissipative thermoplastic rubber stretch
hose with a steel conductive spring wire to remove
electrostatic charges via the dissipative housing and
ground wire plugged into a three-wire AC electrical
outlet.
The Blow Vac can also be converted in seconds into a
powerful blower for dust removal in areas otherwise not
accessible. You simply need to attach the optional two
part blow assembly attachment, MENDA Part Number
35836. The Blow Vac has been specially made with a
dissipative housing and attachments/accessories. All are
groundable per S20.20 <1 x 109 Static Dissipative.
The Blow Vac and its accessories are available as the
following item numbers:
Item
Description
35840 Blow Vac, 120 VAC
35841 Blow Vac with Adjustable Airflow, 120 VAC
35843 Blow Vac with Adjustable Airflow, 230 VAC
35834 Replacement Hose
35835 Mini Attachment Set
35836 Two-Part Blow Assembly
35837 Replacement HEPA Filter
35838 Replacement Filter
35839 Replacement Filter Bag, 10 Pack
July 2025
Packaging
1 Dissipative stretch hose – Extends over 4'
1 Soft Dissipative Rubber Nozzle
1 Hard Dissipative Crevice Nozzle
1 Low Charging Carrying Strap
1 Power Cord, North America (8') (35840 & 35841 only)
1 35838 Filter
1 35839 Filter Bag
Operation
1. Slide one end of the dissipative stretch hose into
suction opening Airflow inlet (vacuum) or Airflow
Outlet (blower).
2. Press the desired nozzle onto the hose end.
3. Install any of the other appropriate attachments
to the other end of the hose. The Two Part Blow
Assembly attachment (35836) is recommended for
use if the Blow Vac will be used to blow debris.
4. Place the rocker switch in off position. For the
adjustable airflow unit further place the knob
electronic control onto the Medium power setting.
5. Plug appliance coupling end of the power cord into
rear power inlet Blow Vac. Plug the 3-pin/blade
power plug into an electrical outlet that is properly
grounded in accordance with all local codes and
ordinances. Start Blow Vac by pressing the power
switch to “ON” position.
TECHNICAL BULLETIN TB-4013
Figure 1. MENDA 35840 and 35841 Blow Vac
35840
35841
Figure 2. Connecting the hose to the airflow outlet


Similar Part No. - 35835

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
High Voltage, High Current OPERATIONAL AMPLIFIER
logo
Heyco.
3583 HEYCO-3583 Datasheet
134Kb / 1P
Heyco® Nylon Liquid Tight Threaded Plugs
3583 HEYCO-3583 Datasheet
134Kb / 1P
Nylon Liquid Tight Threaded Plugs
logo
Alpha Wire
3583/10 ALPHAWIRE-3583/10 Datasheet
93Kb / 2P
Customer Specification
8/25/2022
3583/10 ALPHAWIRE-3583/10 Datasheet
92Kb / 2P
Customer Specification
11/28/2022
More results

Similar Description - 35835

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3500 PHILIPS-PTN3500 Datasheet
115Kb / 15P
Maintenance and control device
2001 Jan 17
PTN3501 PHILIPS-PTN3501 Datasheet
106Kb / 15P
Maintenance and control device
2001 Jan 17
logo
List of Unclassifed Man...
B-640 ETC2-B-640 Datasheet
60Kb / 1P
Installation, Operation and Maintenance Procedures
15006 ETC2-15006 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
73862 ETC2-73862 Datasheet
612Kb / 4P
Statshield Smocks Grounding, Testing and Maintenance
42518 ETC2-42518 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
73616 ETC2-73616 Datasheet
612Kb / 4P
Statshield Smocks Grounding, Testing and Maintenance
logo
Marl International Limi...
253-501-64-3812 MARL-253-501-64-3812_15 Datasheet
275Kb / 5P
Reduces stock and maintenance costs
255-501-64-3812 MARL-255-501-64-3812_15 Datasheet
285Kb / 5P
Reduces stock and maintenance costs
258-501-64-38 MARL-258-501-64-38_14 Datasheet
204Kb / 4P
Reduces stock and maintenance costs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com