Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4053 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M54HC4053
Description  ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4053 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M54HC4053 Datasheet HTML 4Page - STMicroelectronics M54HC4053 Datasheet HTML 5Page - STMicroelectronics M54HC4053 Datasheet HTML 6Page - STMicroelectronics M54HC4053 Datasheet HTML 7Page - STMicroelectronics M54HC4053 Datasheet HTML 8Page - STMicroelectronics M54HC4053 Datasheet HTML 9Page - STMicroelectronics M54HC4053 Datasheet HTML 10Page - STMicroelectronics M54HC4053 Datasheet HTML 11Page - STMicroelectronics M54HC4053 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ANALOG SWITCH CHARACTERISTICS (GND = 0 V TA =25
o C)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
VEE
(V)
VIN
(Vp-p)
Typ.
Sine Wave
Distortion
2.25
2.25
4
fIN = 1 KHz
RL =10 K
Ω
CL = 50 pF
0.025
%
4.5
-4.5
8
0.020
6.0
-6.0
11
0.018
fMAX
Frequency
Response
(Switch ON)
2.25
-2.25
Adjust fIN voltage to Obtain 0 dBm at VOS.
Increase fIN Frequency until dB Meter
Reads -3dB
RL =50
Ω
CL =10 pF
fIN = 1 KHz
sine wave
ALL (*)
120
MHz
HC4051 (**)
HC4052 (**)
HC4053 (**)
45
70
95
4.5
-4.5
ALL (*)
190
HC4051 (**)
HC4052 (**)
HC4053 (**)
70
110
150
6.0
-6.0
ALL (*)
200
HC4051 (**)
HC4052 (**)
HC4053 (**)
85
140
190
Feedthrough
Attenuation
(Switch OFF)
2.25
-2.25
VIN is centered at (VCC -VEE)/2.
Adjust input for 0 dBm
RL = 600
Ω
CL =50 pF
fIN = 1 KHz sine wave
-50
dB
4.5
-4.5
-50
6.0
-6.0
-50
Crosstalk
(Control Input to
Signal Output)
2.25
-2.25
Adjust RL at set up so that IS =0A
RL = 600
Ω
CL =50 pF
fIN = 1 MHz square wave
60
mV
4.5
-4.5
140
6.0
-6.0
200
Crosstalk
(Between Any
Switches)
2.25
-2.25
Adjust VIN to Obtain 0 dBm at Input
RL = 600
Ω
CL =50 pF
fIN = 1 MHz sine wave
-50
dB
4.5
-4.5
-50
6.0
-6.0
-50
(*): Input COMMON Terminal, and measured at SWITCH Terminal.
(**): Input SWITCH Terminal, and measured at COMMON Terminal.
NOTE: These characteristics are determined by design of devices.
M54/M74HC4051/4052/4053
8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com