Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4053 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC4053
Description  ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4053 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC4053 Datasheet HTML 1Page - STMicroelectronics M54HC4053 Datasheet HTML 2Page - STMicroelectronics M54HC4053 Datasheet HTML 3Page - STMicroelectronics M54HC4053 Datasheet HTML 4Page - STMicroelectronics M54HC4053 Datasheet HTML 5Page - STMicroelectronics M54HC4053 Datasheet HTML 6Page - STMicroelectronics M54HC4053 Datasheet HTML 7Page - STMicroelectronics M54HC4053 Datasheet HTML 8Page - STMicroelectronics M54HC4053 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
M54HC4051/52/53
M74HC4051/52/53
October 1993
SINGLE 8 CHANNEL, DUAL 4 CHANNEL, TRIPLE 2 CHANNEL
ANALOG MULTIPLEXER/DEMULTIPLEXER:
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXXF1R
M74HCXXXXM1R
M74HCXXXXB1R
M74HCXXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTION (top view)
HC4053
HC4052
HC4051
These
devices
are
analog
multiplexer
demultiplexers in high speed silicon gate C
2MOS
technology and they are pin compatible with the
equivalent metal gate CMOS ”4000B” series. These
analog switches are bidirectional and digitally
controlled.
A built-in level shifting is included to allow them an
input range of up to
± 6V (peak) for an analog signal
with digital control signal of 0 to 6V.
VEE supply pin is provided for analog input signals.
They have an inhibit (INH) input terminal to disable
all the switches when high. For operation as a digital
multiplexer/demultiplexer, VEE is connected to
GND.
DESCRIPTION
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 oC
.
LOGIC LEVEL TRANSLATION TO ENABLE 5V
LOGIC SIGNAL TO COMMUNICATE WITH
±5V ANALOG SIGNAL
.
LOW ”ON” RESISTANCE:
70
Ω TYP. (VCC -VEE = 4.5 V)
50
Ω TYP. (VCC -VEE =9 V)
.
WIDE ANALOG INPUT VOLTAGE RANGE:
±6V
.
FAST SWITCHING:
tpd = 15 ns (TYP.) AT TA =25
oC
.
LOW CROSSTALK BETWEEN SWITCHES
.
HIGH ON/OFF OUTPUT VOLTAGE RATIO
.
WIDE OPERATING VOLTAGE RANGE
(VCC -VEE) = 2V TO 12V
.
LOW SINE WAVE DISTORTION
0.02% AT VCC -VEE =9V
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
PIN AND FUNCTION COMPATIBLE WITH
HCC/HCF4051/4052/4053B
1/15


Similar Part No. - M54HC4053

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4053 STMICROELECTRONICS-M54HC4053 Datasheet
287Kb / 12P
RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
15-May-2004
M54HC4053 STMICROELECTRONICS-M54HC4053 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4053D STMICROELECTRONICS-M54HC4053D Datasheet
287Kb / 12P
RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
15-May-2004
M54HC4053D STMICROELECTRONICS-M54HC4053D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4053D1 STMICROELECTRONICS-M54HC4053D1 Datasheet
287Kb / 12P
RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
15-May-2004
More results

Similar Description - M54HC4053

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4351 STMICROELECTRONICS-M54HC4351 Datasheet
302Kb / 16P
ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Nov-1993
logo
Texas Instruments
74AC11139 TI-74AC11139 Datasheet
95Kb / 6P
DUAL 2-LINE DECODER/DEMULTIPLEXER
REVISED APRIL 1996
logo
ON Semiconductor
MC74AC139 ONSEMI-MC74AC139_06 Datasheet
182Kb / 11P
Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74HC139A ONSEMI-MC74HC139A_05 Datasheet
110Kb / 10P
Dual 1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74VHC139 ONSEMI-MC74VHC139 Datasheet
121Kb / 8P
Dual 2?뭪o?? Decoder/Demultiplexer
August, 2004 ??Rev. 3
MC74VHCT139A ONSEMI-MC74VHCT139A Datasheet
102Kb / 7P
Dual 2?뭪o?? Decoder/ Demultiplexer
January, 2006 ??Rev. 4
logo
Silan Microelectronics ...
SA6392 SILAN-SA6392 Datasheet
190Kb / 9P
4CHANNEL BTL DRIVER FOR CD PLAYERS
logo
ON Semiconductor
MC74AC139DG ONSEMI-MC74AC139DG Datasheet
176Kb / 11P
Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
ESD7554 ONSEMI-ESD7554 Datasheet
230Kb / 7P
4Channel DualVoltage Protection Array
November, 2010 ??Rev. 0
logo
Integrated Device Techn...
HXT5104A IDT-HXT5104A Datasheet
368Kb / 2P
4Channel 14Gbps VCSEL Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com