Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33883 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33883
Description  H-Bridge Gate Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33883 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33883 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33883
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
OPERATIONAL MODES
TURN-ON
For turn-on, the current required to charge the gate source
capacitor Ciss in the specified time can be calculated as
follows:
IP = Qg/tr = 80 nC/80 ns 1.0 A
Where Qg is power MOSFET gate charge and tr is peak
current for rise time.
TURN-OFF
The peak current for turn-off can be obtained in the same
way as for turn-on, with the exception that peak current for fall
time, tf, is substituted for tr:
IP = Qg/tf = 80 nC/80 ns 1.0 A
In addition to the dynamic current required to turn off or on
the MOSFET, various application-related switching scenarios
must be considered. These scenarios are presented in
Figure 7. In order to withstand high dV/dt spikes, a low
resistive path between gate and source is implemented
during the OFF-state.
Figure 7. OFF-State Driver Requirement
Driver Requirement:
Low Resistive Gate-
Source Path During
OFF-State
Flyback spike charges low-
side gate via Crss charge
current Irss up to 2.0 A.
Causes increased uncon-
trolled turn-on of low-side
MOSFET.
Ciss
Ciss
Crss
Crss
VBAT
Driver Requirement:
Low Resistive Gate-
Source Path During
OFF-State. High Peak
Sink Current Capability
Flyback spike pulls down
high-side source VGS.
Delays turn-off of high-
side MOSFET.
Ciss
Ciss
Crss
Crss
VBAT
Driver Requirement:
High Peak Sink Current
Capability
Flyback spike charges low-
side gate via Crss charge
current Irss up to 2.0 A.
Delays turn-off of low-side
MOSFET.
Ciss
Ciss
Crss
Crss
VBAT
Driver Requirement:
Low Resistive Gate-
Source Path During
OFF-State
Ciss
Ciss
Crss
Crss
VBAT
Flyback spike pulls down
high-side source VGS.
Causes increased uncon-
trolled turn-on of high-side
OFF
OFF
OFF
OFF
GATE_LS
ILOAD
L1
ILOAD
L1
ILOAD
L1
ILOAD
L1
Irss
VGATE
VGATE
-VDRN
GATE_HS
GATE_LS
GATE_HS
GATE_HS
GATE_LS
GATE_HS
GATE_LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com