Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4078 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC4078
Description  8 INPUT NOR/OR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4078 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC4078 Datasheet HTML 1Page - STMicroelectronics M54HC4078 Datasheet HTML 2Page - STMicroelectronics M54HC4078 Datasheet HTML 3Page - STMicroelectronics M54HC4078 Datasheet HTML 4Page - STMicroelectronics M54HC4078 Datasheet HTML 5Page - STMicroelectronics M54HC4078 Datasheet HTML 6Page - STMicroelectronics M54HC4078 Datasheet HTML 7Page - STMicroelectronics M54HC4078 Datasheet HTML 8Page - STMicroelectronics M54HC4078 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M54HC4078
M74HC4078
October 1992
8 INPUT NOR/OR GATE
B1R
(Plastic Package)
ORDER CODES :
M54HC4078F1R
M74HC4078M1R
M74HC4078B1R
M74HC4078C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
DESCRIPTION
.
HIGH SPEED
tPD = 13 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 4078B
The M54/74HC4078 is a high speed CMOS 8
INPUT NOR/OR GATE fabricated in silicon gate
C
2MOS technology. It has the same high speed
performance of LSTTL combined with true CMOS
low power consumption.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
1/9


Similar Part No. - M54HC4078

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4078 STMICROELECTRONICS-M54HC4078 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4078D STMICROELECTRONICS-M54HC4078D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4078K STMICROELECTRONICS-M54HC4078K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC4078

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4078B STMICROELECTRONICS-HCC4078B Datasheet
269Kb / 11P
8-INPUT NOR/OR GATE
Jun-1989
logo
Texas Instruments
CD4078B TI-CD4078B Datasheet
187Kb / 4P
CMOS 8-INPUT NOR/OR GATE
logo
Toshiba Semiconductor
TC74HC4078AP TOSHIBA-TC74HC4078AP Datasheet
177Kb / 4P
8-INPUT OR/NOR GATE
logo
Texas Instruments
SN54HC4078A TI-SN54HC4078A Datasheet
76Kb / 4P
8-INPUT OR/NOR GATE
logo
Micro Electronics
MMC4078 MICRO-ELECTRONICS-MMC4078 Datasheet
103Kb / 3P
8-INPUT NOR/OR GATE
logo
STMicroelectronics
M74HC4078 STMICROELECTRONICS-M74HC4078 Datasheet
208Kb / 8P
8-INPUT NOR/OR GATE
Jul-2001
HCF4078B STMICROELECTRONICS-HCF4078B_02 Datasheet
121Kb / 7P
8 INPUT NOR/OR GATE
Sep-2002
logo
Texas Instruments
SN74HC4078A TI1-SN74HC4078A Datasheet
80Kb / 4P
8-INPUT OR/NOR GATE
CD4078B TI-CD4078B_12 Datasheet
917Kb / 16P
CMOS 8-INPUT NOR/OR GATE
CD4078B TI1-CD4078B_15 Datasheet
924Kb / 16P
CMOS 8-Input NOR/OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com