Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPACTSMARTSYSTEM Datasheet(PDF) 1 Page - NOSHOK, INC.

Part # COMPACTSMARTSYSTEM
Description  Compact Smart System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

COMPACTSMARTSYSTEM Datasheet(HTML) 1 Page - NOSHOK, INC.

  COMPACTSMARTSYSTEM Datasheet HTML 1Page - NOSHOK, INC. COMPACTSMARTSYSTEM Datasheet HTML 2Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
Compact Smart System
• Offers all the features of a full size panel meter in a compact digital
display for pressure, flow, level, force, and temperature measurement
• 5 digit, 0.48" LCD display with a span range of -9999 to 99999
• Reflective LCD display; or green backlighting optional
• Display is fully expandable to accommodate applications requiring relays,
dual sinking outputs, and serial communications by RS232 or RS485
• Fully scalable & field upgradable
• Simple programming through front panel
• Compact, lightweight, impact-resistant NEMA 4X, IP65 housing with
sealed front bezel
• CE compliant to suppress RFI, EMI, and ESD
• Relay, communications and dual sinking output option cards available
1950
1950SERIES
Digital Indicators
Suitable for a wide variety of applications requiring pres-
sure, flow, level, force and temperature measurement,
including:
■
Process indication
■
On/off pump controls
■
Compressor controls
■
Safety or shutdown alarms
APPLICATIONS
Note: See page 14-15 for more information on power supplies,
enclosures, and option cards.
SPECIFICATIONS
Input signals
4 mA to 20 mA, 0 Vdc to 10 Vdc (optional RTD and
Thermocouple)
Process display
5 digit, 0.48" liquid crystal display
Key pad
2 programmable function keys
Power requirement
9 Vdc to 28 Vdc
Power consumption 10mAtypical,95mAwithmax.displayintensity
Electrical connection
Screw terminals at back of case
Memory
EEPROM
Accuracy
<0.1% of full scale
Humidity
<85%, non-condensing
Vibration
5-500 Hz, 5g
Shock
30 g
Normal rejection mode
60 dB 50/60 Hz
Altitude
Up to 2,000 meters
Update rate
500 msec
Temperature ranges
Operating
-31 °F to 167 °F (-35 °C to 75 °C)
Effect
≤ 0.1% of full scale /18 °F (10 °C)
Storage
-31 °F to 185 °F (-35 °C to 85 °C)
Electromagnetic rating
CE compliant to EMC norm EN 61326-1
RFI, EMI and ESD protection
Environmental rating
NEMA 4X, IP65 (front of display only)
Filtering
0.25 seconds to 1 second, selectable
Min/Max reading
Captures and stores min/max measurement
User inputs
1 programmable, 28 Vdc max. continuous
Linearization
2 point
Weight
3 oz.
Option cards
Serial communication (RS232 or RS485)
Analog output (0-20 mA, 4-20 mA or 0-10 Vdc)
Single or Dual Relay (NPN or PNP type)
USB programming
WARNING: This product can expose you to chemicals including Lead and Nickel, which are known to the State of California to cause cancer
and birth defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov


Similar Part No. - COMPACTSMARTSYSTEM

ManufacturerPart #DatasheetDescription
logo
NOSHOK, INC.
COMPACTSTYLEHARDSEAT NOSHOK-COMPACTSTYLEHARDSEAT Datasheet
852Kb / 4P
Compact Style Hard Seat
COMPACTSTYLEHARDSEAT- NOSHOK-COMPACTSTYLEHARDSEAT- Datasheet
1Mb / 6P
Compact Style Hard Seat
More results

Similar Description - COMPACTSMARTSYSTEM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6001 ONSEMI-NCN6001 Datasheet
332Kb / 36P
Compact Smart Card Interface IC
July, 2003 - Rev. 2
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
Dual Smart Battery System Manager
logo
ON Semiconductor
NCN6000 ONSEMI-NCN6000 Datasheet
361Kb / 36P
Compact Smart Card Interface IC
March, 2006 ??Rev. 4
logo
Linear Technology
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
Dual Smart Battery System Manager
logo
ON Semiconductor
NCN8025 ONSEMI-NCN8025 Datasheet
190Kb / 15P
Compact SMART CARD Interface IC
May, 2012 ??Rev. 4
NCN8025 ONSEMI-NCN8025_16 Datasheet
137Kb / 15P
Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN6001 ONSEMI-NCN6001_14 Datasheet
524Kb / 33P
Compact Smart Card Interface IC
October, 2014 ??Rev. 6
logo
Advantech Co., Ltd.
AIIS-3400P ADVANTECH-AIIS-3400P Datasheet
471Kb / 2P
Compact Vision System
AIIS-3410P ADVANTECH-AIIS-3410P Datasheet
518Kb / 2P
Compact Vision System
logo
DFI Inc
ES220-CS DFI-ES220-CS Datasheet
1Mb / 6P
Compact Embedded System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com