Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPACTSMARTSYSTEM Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # COMPACTSMARTSYSTEM
Description  Compact Smart System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

COMPACTSMARTSYSTEM Datasheet(HTML) 2 Page - NOSHOK, INC.

  COMPACTSMARTSYSTEM Datasheet HTML 1Page - NOSHOK, INC. COMPACTSMARTSYSTEM Datasheet HTML 2Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
11
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
1950 SERIES
ORDERING INFORMATION
SERIES
1950
INPUT SIGNALS
C Current
V Voltage
R Resistance
DISPLAYS
1 Reflective
2 Backlight
OPTION CARDS
0 None
2 Dual sinking open collector
7 RS485 comm
1 Single relay
6 RS232 comm
OPTIONAL ENCLOSURES
ENC1 Black painted steel
ENC2 Off-white fiberglass
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
Panel Cutout
2.68" +.025
(68 mm +.06)
1.30" +.025
(33 mm +.06)
2.65"
(67 mm)
ORDERING
INFORMATION
DIMENSIONS
0.15"
(3.8 mm)
1.71"
(43.4 mm)
1.29"
(33 mm)
2.95"
(75 mm)
1.54"
(39.1 mm)
1.54"
(39.1 mm)
1950C – 1 – 1 – ENC1
Series .................................................................1950 Series
Input signal ...............................................................Current
Display ..................................................................Reflective
Option card ........................................................Single relay
Option.....................................Black painted steel enclosure
EXAMPLE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com