Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXPLOSION-PROOF Datasheet(PDF) 1 Page - NOSHOK, INC.

Part # EXPLOSION-PROOF
Description  Explosion-Proof
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

EXPLOSION-PROOF Datasheet(HTML) 1 Page - NOSHOK, INC.

  EXPLOSION-PROOF Datasheet HTML 1Page - NOSHOK, INC. EXPLOSION-PROOF Datasheet HTML 2Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
115
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
621/622
621/622 SERIES
Explosion-Proof
Hazardous Location Pressure T ransmitters
SPECIFICATIONS
Output signals
4 mA to 20 mA, 2-wire; 1 Vdc to 5 Vdc, 3-wire; 0.5 Vdc to 4.5 Vdc, 3-wire
Pressure ranges
Vacuum through 0 psi to 15,000 psi
Absolute from 0 psia to 15 psia through 0 psia to 100 psia
Accuracy
±0.25% full scale (BFSL) (Includes the effects of non-linearity, hysteresis,
non-repeatability, zero point and full scale errors)
Stability
≤±0.2% full scale for 1 year, non-accumulating
Response time
≤1 ms (between 10% and 90% full scale)
Service life
>100,000,000 load cycles
Temperature ranges
Compensated
Zero effect
Span effect
32 °F to 176 °F (0 °C to 80 °C)
±0.011% full scale/ °F
±0.011% full scale/ °F
Media
T6: -40 °F to 131 °F (-40 °C to 55 °C)
T5: -40 °F to 158 °F (-40 °C to 70 °C)
T4: -40 °F to 212 °F (-40 °C to 100 °C)
Ambient
T6: -40 °F to 140 °F (-40 °C to 60 °C)
T5: -40 °F to 167 °F (-40 °C to 75 °C)
T4: -40 °F to 221 °F (-40 °C to 105 °C)
Storage
-40 °F to 221 °F (-40 °C to 105 °C)
Power requirement*
10 Vdc to 30 Vdc (4 mA to 20 mA, 2-wire)
6 Vdc to 30 Vdc (1 Vdc to 5 Vdc, 3-wire)
5 Vdc to 30 Vdc (0.5 Vdc to 4.5 Vdc, 3-wire)
14 Vdc to 30 Vdc (0 Vdc to 10 Vdc, 3-wire)
Load limitations
≤ (VPower-10)/0.020 Amp for 4 mA to 20 mA
≥ 10,000 Ω for 1 Vdc to 5 Vdc, 3-wire
Proof pressure
3 times full scale for ranges 0 psi to 15 psi through 0 psi to 200 psi
1.75 times full scale for ranges 0 psi to 300 psi through 0 psi to 10,000 psi
1.5 times full scale for 0 psi to 15,000 psi
Burst pressure
3.8 times full scale for ranges 0 psi to 15 psi through 0 psi to 200 psi
4 times full scale for ranges 0 psi to 300 psi through 0 psi to 10,000 psi
3 times full scale for 0 psi to 15,000 psi
Measuring element
621 Series is 316 Stainless Steel for ranges up through 0 psi to 300 psi,
316 Stainless Steel with Elgiloy ranges 0 psig to 500 psig and higher;
622 Series is 316 Stainless Steel with NBR o-ring; (FKM o-ring optional)
Connection
316 Stainless Steel
Housing material
316 Stainless Steel
Environmental rating
IP67/NEMA 4x
Electromagnetic rating RFI, EMI and ESD protection
Electrical protection
Reverse polarity, over-voltage and short circuit protected
Shock
1,000 g’s according to IEC 60068-2-27
Vibration
20 g’s according to IEC 60068-2-6
Weight
Approximately 12 oz.
APPLICATIONS
■
Chemical processing
■
Gas pressure measurement
■
Oil field & offshore
■
Mining
■
Well head measurement
* Unregulated
• Vacuum and compound ranges through 0 psig to 15,000 psig; absolute
ranges from 0 psia to 15 psia through 0 psia to 100 psia
• Current and voltage outputs available
• 316 Stainless Steel and Elgiloy wetted parts
• NACE MR0175/ISO 15156 compliant
• ANSI/ISA-12.27.01 approved single seal
NOSHOK 621 and 622 Series transmitters are Factory Mutual
and Canadian Standards Association approved for use in
hazardous location applications as follows:
Explosion-proof with entity approved for: Class I, Division 1, Groups
A, B, C and D. Dust Ignition-proof with entity approval for class II/
III, Division 1, Groups E, F and G. Maximum electrical ratings 30V,
20 mA.
ANSI/ISA-12.27.01, Approved single seal.
WARNING: This product can expose you to chemicals including Lead and Nickel, which are known to the State of California to
cause cancer and birth defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov


Similar Part No. - EXPLOSION-PROOF

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
EXP BULGIN-EXP Datasheet
3Mb / 5P
EXP Series EXPlora - Hazardous Area
logo
Laird Tech Smart Techno...
EXP LSTD-EXP Datasheet
191Kb / 1P
Two-Way Radio Antenna
logo
Premier Farnell Limited...
EXP 21/23R DURATOOL-EXP 21/23R Datasheet
164Kb / 1P
Expander Nylon
03/12/12 V1.0
EXP 24/27S DURATOOL-EXP 24/27S Datasheet
164Kb / 1P
Expander Nylon
03/12/12 V1.0
logo
Elektron Components Ltd...
EXP-0911/02/P BULGIN-EXP-0911/02/P Datasheet
3Mb / 5P
EXP Series EXPlora - Hazardous Area
More results

Similar Description - EXPLOSION-PROOF

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MERSE10 ALLEN-BRADLEY-440T-MERSE10 Datasheet
53Kb / 2P
Explosion-Proof
440K-H11145 ALLEN-BRADLEY-440K-H11145 Datasheet
59Kb / 2P
Explosion Proof
logo
Systemsensor advanced i...
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
108Kb / 2P
Explosion Proof Waterflow Detector
OSYEXP SYSTEMSENSOR-OSYEXP Datasheet
118Kb / 2P
Explosion Proof Supervisory Switch
logo
Gamewell-FCI by Honeywe...
XAL-53 GAMEWELL-FCI-XAL-53 Datasheet
202Kb / 2P
Explosion-Proof Pull Station
logo
ASM GmbH
WS100 ASM-SENSOR-WS100 Datasheet
580Kb / 8P
analog output Explosion-proof
WS10EX ASM-SENSOR-WS10EX Datasheet
274Kb / 5P
analog output Dust explosion-proof
logo
Systemsensor advanced i...
WFDEXP SYSTEMSENSOR-WFDEXP Datasheet
431Kb / 2P
Explosion Proof Waterflow Detector
logo
TT Electronics.
DS1432 TTELEC-DS1432 Datasheet
329Kb / 2P
Explosion Proof Flow Switch
logo
STEGO Elektrotechnik Gm...
CREX020-T3 STEGO-CREX020-T3 Datasheet
280Kb / 1P
EXPLOSION-PROOF ENCLOSURE HEATER
18.10.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com