Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXPLOSION-PROOF Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # EXPLOSION-PROOF
Description  Explosion-Proof
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

EXPLOSION-PROOF Datasheet(HTML) 2 Page - NOSHOK, INC.

  EXPLOSION-PROOF Datasheet HTML 1Page - NOSHOK, INC. EXPLOSION-PROOF Datasheet HTML 2Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
116
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
ORDERING
INFORMATION
DIMENSIONS
621/622 SERIES
Flushcorrespondingport weld-onadapters
O,1A
1.61″ (41mm)
.
(33.5mm)
..
(21.3mm)
ø1.18″ ±.003
(30mm)
ø.71″ ±.003
(18mm)
O-ring1.17″x1.41″ x0.08″
(29.7mmx35.7mm)
O-ring1.02″ x0.08″
(26mmx2mm)
1.06″ (27mm)
O-ring0.73″x0.94"
x0.08″
(18.5mmx23.9mm)
O-ring0.59″x0.08″
(15mmx2mm)
G1 B
G1
G1/2 B
G1/2
0.39
″
(10mm)
0.39
″
(10mm)
.76″ ±.003
(19.4mm)
2±
.
A
A
O,1A
x
x
Frontflushprocessconnections
For ranges 0 to 30 psi and below
For ranges 0 psi to 30 psi
through 0 psi to 8,000 psi
ø.7″ .007
(182mm)
ø1 97″ (50mm)
ø84″ ± 007
ø1.97″ (50mm)
ø1.32″ ±.007
1.20″±.003
(30.5mm)
ø1.19″ ±.003
(30.1mm)
2-WIRE WIRING
V+
Red
V-
Black
Ground
Gray
3-WIRE WIRING
V+
Red
Common
Black
Output
Brown
Ground
Gray
0.75″
(19 mm)
2.56″
(65 mm)
0.75″
(19 mm)
1/2″ NPT
1.06″ HEX
(27 mm)
1.06″
(27 mm)
1.06″ HEX
(27 mm)
1/2″ NPT
1.42″
(36 mm)
0.61″
(15.5 mm)
ORDERING INFORMATION
SERIES
621 Stainless Steel
threaded connection
622 316 Stainless Steel
flush diaphragm
622H Hastelloy C
flush diaphragm
PRESSURE
RANGES
30vac -30 inHg to 0 psig
5 0 psig to 5 psig
300 0 psig to 300 psig
6000 0 psig to 6,000 psig
30/30 -30 inHg to 30 psig
10 0 psig to 10 psig
500 0 psig to 500 psig
8000 0 psig to 8,000 psig
30/60 -30 inHg to 60 psig
15 0 psig to 15 psig
1000 0 psig to 1,000 psig
10000 0 psig to 10,000 psig
30/100 -30 inHg to 100 psig
30 0 psig to 30 psig
1500 0 psig to 1,500 psig
15000 0 psig to 15,000 psig
30/160 -30 inHg to 160 psig
60 0 psig to 60 psig
2000 0 psig to 2,000 psig
15A 0 psia to 15 psia
30/200 -30 inHg to 200 psig
100 0 psig to 100 psig
3000 0 psig to 3,000 psig
100A 0 psia to 100 psia
30/300 -30 inHg to 300 psig
200 0 psig to 200 psig
5000 0 psig to 5,000 psig
psig = gauge pressure
psia = absolute pressure
Other ranges available on request
Note: 622 Series is available for pressure ranges up to 0 psig to 8,000 psig
ACCURACY
1 ±0.25% full scale (BFSL)
OUTPUT SIGNALS
1 4 mA to 20 mA, 2-wire
3 1 Vdc to 5 Vdc, 3-wire, low power
31 0.5 Vdc to 4.5 Vdc 3-wire, low power
2 0 Vdc to 5 Vdc, 3-wire
5 0 Vdc to 10 Vdc, 3-wire
PROCESS CONNECTIONS
2 1/4″ NPT male
11 G 1/2 B *
8 1/2" NPT male
13 G 1 B (622 Series only, <30 psig)
ELECTRICAL CONNECTIONS
6 1/2″ NPT male conduit with 6' integral cable
37 1/2″ NPT male conduit with 6' flying leads with epoxy seal
OPTIONS
ST8 Threaded Orifice
(621 Series only)
20 20′ Cable/lead
(attached to electrical
connection 6 or 37)
30 30′ Cable/lead
(attached to electrical
connection 6)
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
* 621 series G1/2B, 622 Series G ½ B Flush (≥30 psig).
621 – 500 – 1 – 1 – 8 – 6 – ST8
Series ......................................................................................621 Series
Pressure range............................................................0 psig to 500 psig
Accuracy ......................................................... ±0.25% full scale (BFSL)
Output signal........................................................4 mA to 20 mA, 2-wire
Process connection.........................................................1/2" NPT Male
Electrical connection.........1/2" NPT Male conduit with 6' integral cable
Option.............................................................................Threaded Orifice
EXAMPLE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com