Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103TBU7-R Datasheet(PDF) 21 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103TBU7-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103TBU7-R Datasheet(HTML) 21 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103TBU7-R Datasheet HTML 17Page - Geehy Semiconductor Co., Ltd. APM32F103TBU7-R Datasheet HTML 18Page - Geehy Semiconductor Co., Ltd. APM32F103TBU7-R Datasheet HTML 19Page - Geehy Semiconductor Co., Ltd. APM32F103TBU7-R Datasheet HTML 20Page - Geehy Semiconductor Co., Ltd. APM32F103TBU7-R Datasheet HTML 21Page - Geehy Semiconductor Co., Ltd. APM32F103TBU7-R Datasheet HTML 22Page - Geehy Semiconductor Co., Ltd. APM32F103TBU7-R Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. APM32F103TBU7-R Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. APM32F103TBU7-R Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
w w w. g e e h y. c o m
P a g e 20
Figure 6 APM32F103xB Series Clock Tree
LSICLK
40KHz
LSECLK
OSC
32.768
KHz
4-16MHz
HSECLK
8MHz
HSICLK
/128
/2
/2
PLLHSEPSC PLLSEL
×2.3.4
...16
PLL
AHB
Prescaler
/1,2...512
APB1
Rrescaler
/1,2,4,8,16
APB2
PRESCLAER
/1,2,4,8,16
CSS
RTC
IWDTCLK
USBDCLK
SCSEL
TMR2,3,4
if(APB1 prescaler=1)×1
else×2
TMRxCLK
(x=2,3.
4)
USBD
Prescaler
/1,1.5,
2
PCLK2
TMR1CLK
TMR1
if(APB2 prescaler=1)×1
else×2
ADC
Prescaler
/2,4,6,8
ADCCLK
HCLK
PCLK1
FCLK
/8
Cortex
System
Clock
/2
PLLCLK
HSICLK
HSECLK
SYSCLK
MCO
RTCSEL[1:0]
SYSCLK
96MHz MAX
MCO
48MHz
96MHz MAX
96MHz MAX
48MHz MAX
FPUCLK
FPU
Prescaler
/1,2
96MHz MAX
48MHz MAX
OSC32_OUT
OSC32_IN
OSC_OUT
OSC_IN
1.
The maximum frequency of AHB and high-speed APB of APM32F103xB series is 96MHz;
2.
The maximum frequency of low-speed APB of APM32F103xB series is 48MHz.
4.5.2
Clock and startup
The internal 8MHz RC oscillator is used as the default clock for system startup. It can be
switched to an external 4~16MHz clock with failure monitoring through configuration; when an
external clock failure is detected, the system will automatically switch to the internal RC
oscillator. If an interrupt is set, the software can receive the corresponding interrupt.
The frequency of AHB, high-speed APB (APB2) and low-speed APB (APB1) can be configured
by prescaler. The maximum frequency of AHB and high-speed APB is 96MHz, and that of
low-speed APB is 48MHz.
For the clock tree of APM32F103xB, refer to Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com