Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103TBU7-R Datasheet(PDF) 43 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103TBU7-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103TBU7-R Datasheet(HTML) 43 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103TBU7-R Datasheet HTML 39Page - Geehy Semiconductor Co., Ltd. APM32F103TBU7-R Datasheet HTML 40Page - Geehy Semiconductor Co., Ltd. APM32F103TBU7-R Datasheet HTML 41Page - Geehy Semiconductor Co., Ltd. APM32F103TBU7-R Datasheet HTML 42Page - Geehy Semiconductor Co., Ltd. APM32F103TBU7-R Datasheet HTML 43Page - Geehy Semiconductor Co., Ltd. APM32F103TBU7-R Datasheet HTML 44Page - Geehy Semiconductor Co., Ltd. APM32F103TBU7-R Datasheet HTML 45Page - Geehy Semiconductor Co., Ltd. APM32F103TBU7-R Datasheet HTML 46Page - Geehy Semiconductor Co., Ltd. APM32F103TBU7-R Datasheet HTML 47Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
w w w. g e e h y. c o m
P a g e 42
Symbo
l
Parameter
Condition
Minimum
value
Typical
Maximum
value
Unit
VIL
Low-level input voltage
CMOS port
-0.5
-
0.3VDD
VIH
High-level input voltage
0.7VDD
-
VDD+0.5
Vhys
Standard I/O pin Schmitt trigger voltage
hysteresis (2)
-
150
-
-
mV
5V FT I/O pin Schmitt trigger voltage
hysteresis (2)
5%VDD
-
-
mV
Ilkg
Input leakage current (3)
VSS
≤ VIN ≤ VDD
Standard I/O port
-
-
±1
μA
VIN = 5V,
FT port,
TA=25℃,VDD=5V
-
-
3
RPU
Weak pull-up equivalent resistance (4)
VIN = VSS
32
40
49
kΩ
RPD
Weak pull-down equivalent resistance
(4)
VIN = VDD
32
40
49
kΩ
CIO
Capacitance of I/O pin
-
-
5
-
pF
1.
FT=5V tolerant. To withstand the voltage higher than VDD+0.3, the internal pull-up or pull-down
resistance must be turned off.
2.
The hysteresis voltage of Schmitt trigger switch level is obtained from a comprehensive
evaluation and is not tested in production.
3.
If there is reverse current flow-backwards at adjacent pins, the leakage current may be higher
than the maximum value.
4.
The pull-up and pull-down resistor is designed as a real resistor connected in series with a
controllable PMOS/NMOS switch.
Output drive current test
GPIO (general-purpose input/output port) normally supports ±8mA current, up to ±20mA
current (VOL/VOH reduction standard). In application, the number of I/O that can drive the
current shall be restricted to ensure that the consumed current cannot exceed the absolute
maximum rated value:
 The total current outputted by all I/O, plus the maximum operating current of MCU, cannot
exceed the absolute maximum rated value IVDD.
 The total current absorbed by all I/O, plus the maximum operating current of MCU, cannot
exceed the absolute maximum rated value IVSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com