Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103CBT6 Datasheet(PDF) 27 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103CBT6
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103CBT6 Datasheet(HTML) 27 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103CBT6 Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. APM32F103CBT6 Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. APM32F103CBT6 Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. APM32F103CBT6 Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. APM32F103CBT6 Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32F103CBT6 Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32F103CBT6 Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32F103CBT6 Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32F103CBT6 Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
w w w. g e e h y. c o m
P a g e 26
Name
Counter
resolution
Counter type
Prescaler
factor
Functional Description
It can be configured as a software or hardware
startup watchdog;
In debug mode, the counter can be paused for
convenience of debugging.
Window
watchdog
7 bits
Down
-
Can be set for free running.
The whole system can be reset in case of
problems.
Driven by the master clock, it has early warning
interrupt function;
The counter in debug mode can be frozen.
4.15
CRC
The cyclic redundancy check (CRC) computing unit can calculate the CRC code of a 32-bit
data word.
This application calculates the signature of the software in real time to facilitate comparison
with the original signature.
5 Electrical characteristics
5.1
Test conditions of electrical characteristics
5.1.1
Maximum and minimum values
Unless otherwise specified, test is conducted for all products on the production line at TA =25
℃.
Its maximum and minimum values can support the worst environmental temperature, power
supply voltage and clock frequency.
In the notes at the bottom of each table, it is stated that the data are obtained through
comprehensive evaluation, design simulation or process characteristics and are not tested on
the production line; On the basis of comprehensive evaluation, after passing the sample test,
take the average value and add and subtract three times the standard deviation (average ±3∑)
to get the maximum and minimum values.
5.1.2
Typical value
Unless otherwise specified, typical data are based on TA=25°C and VDD=3.3V (2V ≤ VDD ≤ 3.3V
voltage range).
5.1.3
Typical curve
Typical curves will only be used for design guidance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com