Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103CBT6 Datasheet(PDF) 32 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103CBT6
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103CBT6 Datasheet(HTML) 32 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103CBT6 Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32F103CBT6 Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32F103CBT6 Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32F103CBT6 Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32F103CBT6 Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32F103CBT6 Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32F103CBT6 Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32F103CBT6 Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32F103CBT6 Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
w w w. g e e h y. c o m
P a g e 31
5.3.5
Static latch-up (LU)
When running a simple application (controlling the flashing of two LED through the I/O port),
the test sample is subject to false electromagnetic interference until an error is generated, and
the LED flashing indicates the generation of error. In order to evaluate the latch performance,
two complementary static latch tests need to be conducted on 6 samples:
 Provide power supply voltage exceeding the limit for each power supply pin.
 Inject current on each input, output and configurable I/O pin.
This test conforms to EIA/JESD78E integrated circuit latch standard.
Table16Static Latch-up
Symbol
Parameter
Condition
Type
LU
Class of static
latch-up
TA=105℃, conforming to EIA/JESD78E
Class II A
Note: The samples are measured by a third-party testing organization and are not tested in production.
5.4
Memory
5.4.1
Flash characteristics
Table17 Flash Memory Characteristics
Symbol
Parameter
Condition
Minimum
value
Typical
value
Maximum
value
Unit
tprog
16-bit programming
time
TA = -40~105℃
VDD=2.4~3.6V
32.2
33.2
35.2
μs
tERASE
Page (1K bytes) erase
time
TA = -40~105℃
VDD=2.4~3.6V
1.34
1.38
1.50
ms
tME
Mass erase time
TA = 25℃
VDD=3.3V
-
-
6.5
ms
Vprog
Programming voltage
TA = -40~105℃
2.0
3.3
3.6
V
Note: The data are obtained from a comprehensive evaluation and are not tested in production.
Table18 FLASH Memory Life and Data Retention Period
Symbol
Parameter
Condition
Minimum
value
Typical
value
Maximum
value
Unit
NEND
Erasure cycles
TA =-40~85℃
100
-
-
1,000
cycles
tRET
Data retention
period
TA = 55
℃
20
-
-
Year
Note: The data are obtained from a comprehensive evaluation and are not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com