Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRO-SIZE Datasheet(PDF) 1 Page - NOSHOK, INC.

Part # MICRO-SIZE
Description  Micro-Size
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

MICRO-SIZE Datasheet(HTML) 1 Page - NOSHOK, INC.

  MICRO-SIZE Datasheet HTML 1Page - NOSHOK, INC. MICRO-SIZE Datasheet HTML 2Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
111
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
Micro-Size
660
660SERIES
Industrial Pressure T ransmitters & T ransducers
SPECIFICATIONS
Output signals
4 mA to 20 mA 2-wire, 1 Vdc to 5 Vdc 3-wire; 0.1 Vdc to 10 Vdc, 3-wire
Pressure ranges
0 psig to 200 psig through 0 psig to 15,000 psig
Accuracy
±0.25% full scale (BFSL); (Includes the effects of non-linearity, hysteresis,
non-repeatability, zero point and full scale errors)
Stability
≤ ±2% full scale for 1 year, non-accumulating
Response time
<2 ms (between 10% and 90% full scale)
Service life
> 100,000,000 load cycles
Temperature ranges
Compensated -4 °F to 185 °F (-20 °C to 85 °C)
Zero effect ±0.01% full scale/ °F
Span effect ±0.01% full scale/ °F
Media -13 °F to 185 °F (-40 °C to 100 °C); -40 °F to 257 °F (-40 °C to 125 °C)
available on request
Ambient -4 °F to 185 °F (-25 °C to 85 °C)
Storage -40 °F to 212 °F (-40 °C to 100 °C)
Power requirement*
10 Vdc to 36 Vdc (4 mA to 20 mA, 2-wire)
8 Vdc to 36 Vdc (1 Vdc to 5 Vdc, 3-wire)
14 Vdc to 36 Vdc (0.1 Vdc to 10 Vdc, 3-wire)
Load limitations
≤ (VPower-10)/0.020 Amp for 4 mA to 20 mA
≥ 10,000 Ω for 1 Vdc to 10 Vdc, 3-wire
≥ 5,000 Ω for 1 Vdc to 5 Vdc, 3-wire
Proof pressure
2 times full scale for ranges 0 psi to 200 psi through 0 psi to 10,000 psi
1.5 times full scale for 0 psi to 15,000 psi range
Burst pressure
9 times full scale for 0 psi to 200 psi through 0 psi to 1,000 psi
3 times full scale for ranges 0 to 3,000 psi through 0 psi to 15,000 psi
Measuring element
17-4PH Stainless Steel
Connection
316 Stainless Steel
Housing material
316 Stainless Steel
Environmental rating
IP65; IP67 M12x1 electrical connection for pressure ranges 0 psig to 1,500 psig
or higher
Electromagnetic rating CE compliant to EMC norm EN 61326
RFI, EMI and ESD protection
Electrical protection
Reverse polarity, over-voltage and short circuit protection
Shock
1,000 g’s according to IEC 60068-2-27
Vibration
20 g’s according to IEC 60068-2-6
Weight
Approximately 1.75 oz.
APPLICATIONS
■
Hydraulics & pneumatics
■
Mobile hydraulics
■
Power generation
■
Pumps & compressors
■
Refrigeration controls
* Unregulated
• Ranges from 0 psig to 200 through 0 psig to 15,000 psig
• Current & voltage outputs available
• Stainless Steel wetted parts
• 1.0 mm standard orifice size for improved performance in dynamic
applications
• CE compliant to suppress RFI, EMI and ESD
WARNING: This product can expose you to chemicals including Lead and Nickel, which are known to the State of California to
cause cancer and birth defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov


Similar Part No. - MICRO-SIZE

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
MICRO-01 MAJOR-LEAGUE-MICRO-01 Datasheet
143Kb / 2P
.050" Staggered cl Female on Board Connector Surface Mount Straight With Polarization
MICRO-02 MAJOR-LEAGUE-MICRO-02 Datasheet
139Kb / 2P
.050" Staggered cl Female on Board Side Entry Connector
MICRO-03 MAJOR-LEAGUE-MICRO-03 Datasheet
151Kb / 2P
.050" Staggered cl Female on Board Connector Thru Hole Straight With Kinked Pins
MICRO-04 MAJOR-LEAGUE-MICRO-04 Datasheet
183Kb / 2P
.050" Staggered cl Plug (paddleboard) Connector Thru Hole Straight With Kinked Pins
MICRO-05 MAJOR-LEAGUE-MICRO-05 Datasheet
157Kb / 2P
.050" Staggered cl IDC Male On Wire Connector Cable Mount With Polarizing Peg
More results

Similar Description - MICRO-SIZE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
ROM RECOM-ROM Datasheet
97Kb / 3P
1 Watt SIP4 Micro Size Single Output
ROM-1.81.8S RECOM-ROM-1.81.8S_06 Datasheet
91Kb / 3P
1 Watt SIP4 Micro Size Single Output
logo
Tyco Electronics
1359158 MACOM-1359158 Datasheet
148Kb / 1P
Slide Switches, Micro Size, Instrumentation Grade
logo
Texas Instruments
TLV7011 TI1-TLV7011_18 Datasheet
1Mb / 33P
Small-Size, Micro-Power, Low-Voltage Comparators
TLV7011 TI1-TLV7011_19 Datasheet
1Mb / 38P
Small-size, micro-power, low-voltage comparators
logo
SparkFun Electronics
ROB-14760 SPARKFUN-ROB-14760 Datasheet
111Kb / 2P
Servo - Generic Metal Gear (Micro Size)
6??9??8
logo
Ulti-Mate Connector Inc
SD-834211000 ULTI-MATE-SD-834211000 Datasheet
80Kb / 1P
MICRO-D CONNECTOR, RECEPTACLE, SIZE 9 MR09T0-S01
11/12/2012
SD-836130817 ULTI-MATE-SD-836130817 Datasheet
117Kb / 1P
MICRO-D CIRCUIT CONNECTOR SIZE 21, PLUG CM8R21P07
09/30/2022
SD-836210617 ULTI-MATE-SD-836210617 Datasheet
129Kb / 1P
MICRO-D CIRCUIT CONNECTOR, SIZE 9, RECEPTACLE CM6R09S07
09/29/2022
SD-836230618 ULTI-MATE-SD-836230618 Datasheet
97Kb / 1P
MICRO-D CIRCUIT CONNECTOR SIZE 21, RECEPTACLE CM6R21S07T
09/30/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com