Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRO-SIZE Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # MICRO-SIZE
Description  Micro-Size
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

MICRO-SIZE Datasheet(HTML) 2 Page - NOSHOK, INC.

  MICRO-SIZE Datasheet HTML 1Page - NOSHOK, INC. MICRO-SIZE Datasheet HTML 2Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
112
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
ORDERING
INFORMATION
DIMENSIONS
660 SERIES
660 – 500 – 1 – 1 – 2 – 25
Series ...................................................................660 Series
Pressure range.........................................0 psig to 500 psig
Accuracy ......................................±0.25% full scale (BFSL)
Output signal.................................... 4 mA to 20 mA, 2-wire
Process connection......................................1/4" NPT Male
Electrical connection...................................M12 x 1 (4-pin)
EXAMPLE
M12 x 1 (4-pin)
0.44"
(11 mm)
1.73"
(44 mm)
0.63" sq
(15.8 mm)
1.83"
(46.5 mm)
1.06"
(26.8 mm)
1.40"
(35.5 mm)
0.78”
(19.8 mm)
0.75" HEX
(19 mm)
1/4" NPT
0.75"
(19 mm)
0.51"
(13 mm)
DIN EN 175301-803 Form C
ORDERING INFORMATION
SERIES
660
PRESSURE RANGES
200 0 psig to 200 psig
500 0 psig to 500 psig
3000 0 psig to 3,000 psig
10000 0 psig to 10,000 psig
300 0 psig to 300 psig
1000 0 psig to 1,000 psig
5000 0 psig to 5,000 psig
15000 0 psig to 15,000 psig
psig = gauge pressure
Other ranges available on request
ACCURACY
1 ±0.25% full scale (BFSL)
OUTPUT SIGNALS
1 4 mA to 20 mA, 2-wire
3 1 Vdc to 5 Vdc, 3-wire
27 0.1 Vdc to 10 Vdc, 3-wire
PROCESS CONNECTIONS
2 1/4″ NPT male
ELECTRICAL CONNECTIONS
1 DIN EN 175301-803 Form C
w/ 36” Cable
7 DIN EN 175301-803 Form C
25 M12 x 1 (4-pin)
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
660 Series Wiring
4 mA to 20 mA
CONNECTION TYPE (CODE)
V+
V-
DIN EN 175301-803 Form C (7)
1
2
DIN EN 175301-803 Form C w/ Cable (1)
Red
Black
M12 x 1, 4-Pin (25)
1
3
Integral Cable (36)
Brown
Green
660 Series Wiring
1-5 Vdc, 0.1-10 Vdc
CONNECTION TYPE (CODE)
V+
COMMON OUTPUT
DIN EN 175301-803 Form C (7)
1
2
3
DIN EN 175301-803 Form C w/ Cable (1)
Red
Black
White
M12 x 1, 4-Pin (25)
1
3
4
Integral Cable (36)
Brown Green
White
Load Limitations
4 mA to 20 mA output
Vmin = 10V + (.020 x RL)
RL = Loop resistance (Ω)
RL = RS + RW
RS = Sensor resistance (Ω)
RW
Wire resistance (Ω)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com