Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

21150 Datasheet(PDF) 21 Page - Intel Corporation

Part # 21150
Description  PCI-to-PCI Bridge
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21150 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 21150 Datasheet HTML 17Page - Intel Corporation 21150 Datasheet HTML 18Page - Intel Corporation 21150 Datasheet HTML 19Page - Intel Corporation 21150 Datasheet HTML 20Page - Intel Corporation 21150 Datasheet HTML 21Page - Intel Corporation 21150 Datasheet HTML 22Page - Intel Corporation 21150 Datasheet HTML 23Page - Intel Corporation 21150 Datasheet HTML 24Page - Intel Corporation 21150 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 164 page
background image
21150
Preliminary Datasheet
13
2.3
Secondary Bus Arbitration Signals
Table 6 describes the secondary bus arbitration signals.
s_lock_l
STS
Secondary PCI interface LOCK#. Signal s_lock_l is
deasserted during the first address phase of a transaction and
is asserted one clock cycle later by the 21150 when it is
propagating a locked transaction downstream. The 21150
does not propagate locked transactions upstream. The 21150
continues to assert s_lock_l until the address phase of the
next locked transaction, or until the lock is released. When the
lock is released, s_lock_l is driven to a deasserted state for
one cycle and then is sustained by an external pull-up resistor.
s_perr_l
STS
Secondary PCI interface PERR#. Signal s_perr_l is asserted
when a data parity error is detected for data received on the
secondary interface. The timing of s_perr_l corresponds to
s_par driven one cycle earlier and s_ad driven two cycles
earlier. Signal s_perr_l is asserted by the target during write
transactions, and by the initiator during read transactions.
When the secondary bus is idle, s_perr_l is driven to a
deasserted state for one cycle and then is sustained by an
external pull-up resistor.
s_serr_l
I
Secondary PCI interface SERR#. Signal s_serr_l can be
driven low by any device except the 21150 on the secondary
bus to indicate a system error condition. The 21150 samples
s_serr_l as an input and conditionally forwards it to the primary
bus on p_serr_l. The 21150 does not drive s_serr_l. Signal
s_serr_l is pulled up through an external resistor.
Table 5.
Secondary PCI Bus Interface Signals (Sheet 3 of 3)
Signal Name
Type
Description
Table 6.
Secondary PCI Bus Interface Signals (Sheet 1 of 2)
Signal Name
Type
Description
s_req_l<8:0>
I
Secondary PCI interface REQ#s. The 21150 accepts nine
request inputs, s_req_l<8:0>, into its secondary bus arbiter.
The 21150 request input to the arbiter is an internal signal.
Each request input can be programmed to be in either a high
priority rotating group or a low priority rotating group. An
asserted level on an s_req_l pin indicates that the
corresponding master wants to initiate a transaction on the
secondary PCI bus. If the internal arbiter is disabled (s_cfn_l
tied high), s_req_l<0> is reconfigured to be an external
secondary grant input for the 21150. In this case, an asserted
level on s_req_l<0> indicates that the 21150 can start a
transaction on the secondary PCI bus if the bus is idle.
s_gnt_l<8:0>
TS
Secondary PCI interface GNT#s. The 21150 secondary bus
arbiter can assert one of nine secondary bus grant outputs,
s_gnt_l<8:0>, to indicate that an initiator can start a
transaction on the secondary bus if the bus is idle. The
21150’s secondary bus grant is an internal signal. A
programmable 2-level rotating priority algorithm is used. If the
internal arbiter is disabled (s_cfn_l tied high), s_gnt_l<0> is
reconfigured to be an external secondary bus request output
for the 21150. The 21150 asserts this signal whenever it wants
to start a transaction on the secondary bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com