Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

21150 Datasheet(PDF) 39 Page - Intel Corporation

Part # 21150
Description  PCI-to-PCI Bridge
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21150 Datasheet(HTML) 39 Page - Intel Corporation

Back Button 21150 Datasheet HTML 35Page - Intel Corporation 21150 Datasheet HTML 36Page - Intel Corporation 21150 Datasheet HTML 37Page - Intel Corporation 21150 Datasheet HTML 38Page - Intel Corporation 21150 Datasheet HTML 39Page - Intel Corporation 21150 Datasheet HTML 40Page - Intel Corporation 21150 Datasheet HTML 41Page - Intel Corporation 21150 Datasheet HTML 42Page - Intel Corporation 21150 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 164 page
background image
21150
Preliminary Datasheet
31
The 21150 ends the transaction on the target bus when one of the following conditions is met:
• All posted write data has been delivered to the target.
• The target returns a target disconnect or target retry (the 21150 starts another transaction to
deliver the rest of the write data).
• The target returns a target abort (the 21150 discards remaining write data).
• The master latency timer expires, and the 21150 no longer has the target bus grant (the 21150
starts another transaction to deliver remaining write data).
Section 4.8.3.2 provides detailed information about how the 21150 responds to target termination
during posted write transactions.
Figure 6. Flow-Through Posted Memory Write Transaction
86%
LJ-04843.AI4
p_frame_l
p_cbe_l
p_ad
p_irdy_l
p_devsel_l
p_trdy_l
p_stop_l
s_frame_l
s_cbe_l
s_ad
s_irdy_l
s_devsel_l
s_trdy_l
s_stop_l
p_clk
s_clk
Cycle
CY0
< 15ns >
CY1
CY2
CY3
CY4
CY5
CY6
CY7
CY8
CY10
CY9
CY11
CY12
CY13
CY14
CY15
CY16
CY17
Addr
Data
Data
Data
Data
Data
Data
Data
Data
7
Byte Enables
Byte Enables
Addr
7
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com