Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4511 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC4511
Description  BCD TO 7 SEGMENT LATCH/DECODER DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4511 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC4511 Datasheet HTML 1Page - STMicroelectronics M54HC4511 Datasheet HTML 2Page - STMicroelectronics M54HC4511 Datasheet HTML 3Page - STMicroelectronics M54HC4511 Datasheet HTML 4Page - STMicroelectronics M54HC4511 Datasheet HTML 5Page - STMicroelectronics M54HC4511 Datasheet HTML 6Page - STMicroelectronics M54HC4511 Datasheet HTML 7Page - STMicroelectronics M54HC4511 Datasheet HTML 8Page - STMicroelectronics M54HC4511 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
M54HC4511
M74HC4511
February 1993
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
B1R
(Plastic Package)
ORDER CODES :
M54HC4011F1R
M74HC4011M1R
M74HC4011B1R
M74HC4011C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
DESCRIPTION
.
HIGH SPEED
tPD = 28 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
HIGH SOURGE CURRENT
|IOH| = 20 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 4511B
The M54/74HC4511 is a high speed CMOS BCD-
TO-7 SEGMENT LATCH/DECODER/DRIVER fab-
ricated with silicon gate C
2MOS technology. It
enables high speed latch and decode operation with
identical pin connection and function to standard
CMOS 4511B.
The segment output driver, which is CMOS fabri-
cated in silicon gate C
2MOS technology, has large
IOH capability which enables common cathode Leds
to be directly driven.
When lamp test (LT) is taken ”L”, all segment out-
puts will go to ”H”, and when blanking (BI) is taken
”L” and LT is taken ”H” all segment outputs will go
to ”L”.
These functions operate regardless of other inputs
and are used to test the display.
Input BI is used to pulse-modulate the brightness of
the display.
When an error input code (over 10) is applied to the
BCD input, all segment outputs will go ”L” (turn off).
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
1/13


Similar Part No. - M54HC4511

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4514 STMICROELECTRONICS-M54HC4514 Datasheet
316Kb / 10P
RAD-HARD 4 TO 16 LINE DECODER/LATCH
14-May-2004
M54HC4514 STMICROELECTRONICS-M54HC4514 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4514D STMICROELECTRONICS-M54HC4514D Datasheet
316Kb / 10P
RAD-HARD 4 TO 16 LINE DECODER/LATCH
14-May-2004
M54HC4514D STMICROELECTRONICS-M54HC4514D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4514D1 STMICROELECTRONICS-M54HC4514D1 Datasheet
316Kb / 10P
RAD-HARD 4 TO 16 LINE DECODER/LATCH
14-May-2004
More results

Similar Description - M54HC4511

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
BCD to 7-segment latch/decoder/driver
January 1995
HEF4543B PHILIPS-HEF4543B Datasheet
85Kb / 8P
BCD to 7-segment latch/decoder/driver
January 1995
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
CD4511BM NSC-CD4511BM Datasheet
145Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
BCD-to-7 Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com