Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPR2 Datasheet(PDF) 7 Page - Clarke International

Part # CPR2
Description  OIL FREE RIVETER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CPR2 Datasheet(HTML) 7 Page - Clarke International

Back Button CPR2 Datasheet HTML 3Page - Clarke International CPR2 Datasheet HTML 4Page - Clarke International CPR2 Datasheet HTML 5Page - Clarke International CPR2 Datasheet HTML 6Page - Clarke International CPR2 Datasheet HTML 7Page - Clarke International CPR2 Datasheet HTML 8Page - Clarke International CPR2 Datasheet HTML 9Page - Clarke International CPR2 Datasheet HTML 10Page - Clarke International CPR2 Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
DISCONNECTING THE AIR SUPPLY
Do not disconnect the air supply hose until the air supply has been shut down
and the compressed air released.
1. Refer to the compressor instruction manual for the procedure to shut down
and release the compressed air.
2. Once the pressure has been released, disconnect the air supply hose from
the air tool.
Store the tool safely in its box in a dry, secure environment.
MAINTENANCE
DAILY
1. Before use, drain water from the compressed air supply.
2. Pour a few drops of CLARKE airline oil, into the air inlet. This should be
carried out regardless of whether or not an in-line mini oiler is used. If an
inline mini oiler is not used, this procedure should be repeated after every
two to three hours of constant use.
CLEANING
1. Keep the body of the tool clean and free from debris. Grit or gum deposits
in the tool may reduce efficiency.
If the riveting action becomes erratic or the riveter operates but fails to form a
rivet successfully, it is possible that the jaw housing assembly (items 3 - 8) has
worked itself loose and requires adjusting. Should this occur, proceed as
follows:
1. Unscrew and remove the head assy (item 2).
2. Using the wrench supplied, hold the jaw housing coupler (item 7), undo the
locknut (item 8).
3. Place the 56mm gauge (on the edge of the wrench provided), alongside
the jaw housing assembly, and screw the jaw assy in or out, so that the lip
of the gauge is in line with the end face of the jaw housing (item 3.) Secure
in position with the locknut (item 8).
WARNING: MAKE SURE THAT THE TOOL IS DISCONNECTED FROM THE AIR
SUPPLY BEFORE STARTING ANY CLEANING, OR MAINTENANCE
PROCEDURES.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com