Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPR2 Datasheet(PDF) 2 Page - Clarke International

Part # CPR2
Description  OIL FREE RIVETER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CPR2 Datasheet(HTML) 2 Page - Clarke International

  CPR2 Datasheet HTML 1Page - Clarke International CPR2 Datasheet HTML 2Page - Clarke International CPR2 Datasheet HTML 3Page - Clarke International CPR2 Datasheet HTML 4Page - Clarke International CPR2 Datasheet HTML 5Page - Clarke International CPR2 Datasheet HTML 6Page - Clarke International CPR2 Datasheet HTML 7Page - Clarke International CPR2 Datasheet HTML 8Page - Clarke International CPR2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Riveter.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
SPECIFICATION
Please note that the details and specifications contained herein are correct at
the time of going to print. However CLARKE International reserve the right to
change specifications at any time without prior notice.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase. This guarantee is invalid if the product is found
to have been abused or tampered with in any way, or not used for the
purpose for which it was intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission. This guarantee does not effect your
statutory rights.
Model Numbers
CPR2
Rivet Sizes
2.4 to 4.8 mm
Min. Hose Size (ID)
8 mm (5/16”)
Operating Pressure
90 psi (6.2 bar)
Air Consumption
0.03 cu.ft/stroke
Air Inlet Size
1/4“BSP Female
Sound Pressure Level (LpA dB)
77.3 dB(A)
Sound Power Level (LwA dB)
88.3 dB(A)
Vibration Levels
2.5 m/s2
Weight
1.4 kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com